Electronic Components Datasheet Search
  English  ▼

X  

MON35W42 Datasheet(PDF) 22 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button MON35W42 Datasheet HTML 18Page - SMSC Corporation MON35W42 Datasheet HTML 19Page - SMSC Corporation MON35W42 Datasheet HTML 20Page - SMSC Corporation MON35W42 Datasheet HTML 21Page - SMSC Corporation MON35W42 Datasheet HTML 22Page - SMSC Corporation MON35W42 Datasheet HTML 23Page - SMSC Corporation MON35W42 Datasheet HTML 24Page - SMSC Corporation MON35W42 Datasheet HTML 25Page - SMSC Corporation MON35W42 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
Temperature sensor 1 nSMI interrupt modes:
(1) Comparator Interrupt Mode
Setting the THYST (Temperature Hysteresis) limit to 127°C will set temperature sensor 1 nSMI to the
Comparator Interrupt Mode. Temperatures which exceed TO (Over Temperature) Limit cause an
interrupt. This interrupt is reset by reading the Interrupt Status Register. Once an interrupt event has
occurred by exceeding TO, and then reset, if the temperature remains above the TO, the interrupt will
occur again when the next conversion has completed. If an interrupt event has occurred by exceeding
TO and is not reset, the interrupts will not occur again. The interrupts will continue to occur in this
manner until the temperature goes below TO. (Figure 16-1)
(2) Two-Times Interrupt Mode
Setting the THYST lower than TO will set temperature sensor 1 nSMI to the Two-Times Interrupt Mode.
The Temperature exceeding TO causes an interrupt and then the temperature going below THYST also
causes an interrupt if the previous interrupt has been reset by reading the interrupt Status Register.
Once an interrupt event has occurred by exceeding TO, then reset, if the temperature remains above
the THYST , additional interrupts will not occur. (Figure 15-2)
TOI
*
*
FIGURE 15-1 - COMPARATOR INTERRUPT MODE
*Interrupt Reset when Interrupt Status Registers are read
TOI
THYST
FIGURE 15-2 - TWO-TIMES INTERRUPT MODE
nSMI
nSMI
*
*
*
*
*
THYST
127'C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com