Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 40 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 40 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH IC-PI Datasheet HTML 38Page - IC-Haus GmbH IC-PI Datasheet HTML 39Page - IC-Haus GmbH IC-PI Datasheet HTML 40Page - IC-Haus GmbH IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH IC-PI Datasheet HTML 43Page - IC-Haus GmbH IC-PI Datasheet HTML 44Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 40/48
Excessive Temperature Warning
Exceeding the temperature warning threshold Tw (cor-
responds to T2, refer to Temperature Sensor, page
20) can be signaled at pin ERR or used to shut down
the output drivers (via mask EMASKO). The tempera-
ture warning is cleared if the temperature falls below
Tw –Thys.
Note: If the temperature shutdown threshold Toff =
Tw + ∆ T is exceeded, the output drivers are shut
down independently of EMASKO. For ∆ T refer to
Elec. Char. E07.
Configuration Error
The chip’s internal configuration registers (RAM ad-
dresses 0x00 to 0x2E) are permanently reviewed and
verified by the checksum CHKSUM stored at address
0x2F. If the CRC verification fails, the configuration error
will be asserted (as also when the initial configuration
from the EEPROM fails).
Output Driver Shutdown
Output driver shutdown is a precaution to protect iC-PI.
During shutdown, the output drivers and pin ERR are
tristate, and the output current range for pin ACO is
reset to the 5 mA range.
Driver shutdown due to overheating or due to a config-
uration error is always enabled. Configuration errors
are SDA or SCL pin error, no acknowledge signal from
EEPROM or invalid checksum. EMASKO is used to
configure driver shutdown due to other error events.
PDMODE
Addr. 0x1A, bit 6
Code
Function
0
Driver shutdown terminates with the error event
1
Permanent driver shutdown until cycling power
Table 66: Driver Activation
EMASKO
Addr. 0x1A, bit 1:0; Addr. 0x19, bit 7:0
Bit
Error event
9:0
Refer to the description of EMASKA.
Code
Function
1
Enable: event causes a driver shutdown
0
Disable: output drivers remain active
Table 67: Error Mask Driver Shutdown
Error Logging
Error information can be stored in the EEPROM. Only
errors enabled by EMASKE are logged. The first error
in the lifetime of the product is stored in ERRFIRST.
The latest occurred error is stored in ERRACT.
The EEPROM has an additional memory area in which
all errors are accumulated (ERRACC). Only errors en-
abled by EMASKE are logged and only the fact that this
error has occurred is logged, with no information as to
the time and count of appearance of that error given.
Error logging can be used to statistically evaluate the
causes of system failure, for example.
iC-PI enters standby and the output drivers are shut
down if an I2C communication error occurs while writing
to the EEPROM. iC-PI can be reenabled with bit RUN
if EMASKO(6) is zero.
EMASKE
Addr. 0x1C, bit 1:0; Addr. 0x1B, bit 7:0
Bit
Error event
9:0
Refer to the description of EMASKA.
Code
Function
1
Enable: event will be logged.
0
Disable: event will not be logged.
Table 68: Error Mask EEPROM Savings
Note: The GUI’s Error Display can only be used,
when events of interest are enabled using EMASKE().
ERRFIRST
Addr. 0x31, bit 1:0; Addr. 0x30, bit 7:0
ERRACT
Addr. 0x32, bit 3:0; Addr. 0x31, bit 7:2
ERRACC
Addr. 0x33, bit 5:0; Addr. 0x32, bit 7:4
Bit
Error Event
9:0
Assignation according to EMASKA
Code
Function
0
No event
1
Logged error event
Table 69: Error Protocol
Clearing Errors
Using an external I2C master device connected to the
I2C bus, the error information in the RAM and in the
EEPROM (ERRFIRST, ERRACT, and ERRACC on ad-
dresses 0x31 to 0x33) can be cleared at any time. How-
ever, if an error condition is active in the iC-PI which
is enabled to be logged, iC-PI will update the error
memory as soon as the I2C bus is available again.
Note: Any write access to change a parameter will
trigger a configuration error, which persists until the
checksum CHKSUM was adapted. When using error
logging, also the error memory needs to be cleared
finally.
Note: Setting RUN = 0 does not stop iC-PI’s error
management completely, but stops the incremental
engine and thus the generation of a line count error, a
tracking error and an excessive input frequency error
(registers ERRxxx(9:7)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com