Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 27 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 27 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 27/48
SIGNAL CONDITIONING CH1, CH2
It is recommended to use operating mode Test 5 for
the calibration of the sine signals. The sine signals are
also available in operating mode Calibration 2 for rea-
sons of compatibility with iC-MQ, but the amplitudes are
smaller (just 250 mVpeak instead of 1.5 Vpeak using
mode Test 5).
Alternatively, characteristic digital test signals are avail-
able for offset, amplitude and phase conditioning in
operating mode System Test.
Gain Settings
The gain is set in four steps:
1. The signal level control is to be shut down and the
constant current source for the ACO output is set to
a suitable output current (register ACOT = 0x2, ACOR
and ACOS values close to the later operating point).
2. The coarse gain factor GR12 is to be selected so
that differential signal amplitudes of approx. 6 Vpp are
to be produced in operating mode Test 5 (signal PSIN
versus NSIN and PCOS versus NCOS).
3. Using fine gain factor GF2, the cosine signal ampli-
tude is then to be adjusted to be exactly 6 Vpp.
4. The sine signal amplitude can then be adjusted to
the cosine signal amplitude via fine gain factor GF1.
This results in a total gain of GR12 x GFi for differential
input signals.
R0
Nx
GND
Test 5
iC-PI
1.5 Vp
6 Vpp
1.5 Vp
V
pk(Nx)
V
pk(Px)
V
peak-to-peak
Px
Figure 14: Definition of 6 Vpp differential test signal.
Termination R0 must be high-impedance
(resistive) during all Test and Calibration
modes.
GR12
Addr. 0x0a, bit 2:0
Code
Factor with input voltage
divider (R12 = 0x9)
Factor w/o input voltage
divider (R12 ̸= 0x9)
0x0
3.0
12.0
0x1
6.0
24.6
0x2
7.8
31.8
0x3
10.2
40.2
0x4
13.2
52.2
0x5
15.6
63.0
0x6
19.8
79.2
0x7
24.0
96.0
Notes
The values listed apply for all operating modes
except for Calibration 2 (reduces gain to 1/6).
The effective total gain is calculated using:
G12eff = GFx x GR12, or
G12eff = 1/4 x GFx x GR12
if using the input voltage divider (R12 = 0x9).
Table 24: Coarse Gain Factor CH1, CH2
GF2
Addr. 0x0c, bit 4:0
Code
Factor
0x00
1.00
0x01
1.06
...
6.25
GF2
31
0x1F
6.25
Table 25: Fine Gain Factor CH2
GF1
Addr. 0x0b, bit 6:0, Addr. 0x0a, bit 7:4
Code
Factor
0x000
1.0
0x001
1.0009
...
6.25
GF1
1984
0x7FF
6.6245
Table 26: Fine Gain Factor CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com