Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 30 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 30 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 30/48
Offset Calibration CH0
The offset reference source is selected with VOS0. The
offset compensation is set with OR0 and OF0 (see Off-
set Calibration CH1 and CH2 for further information).
VOS0
Addr. 0x04, bit 5:4
Code
Source
Code
Source
0x0
0.05 · V(ACO)
0x2
0.25 V
0x1
0.5 V
0x3
VDC1
Table 35: Offset Reference Source CH0
OR0
Addr. 0x07, bit 1:0
Code
Range
Code
Range
0x0
x1
0x2
x6
0x1
x2
0x3
x12
Table 36: Coarse Offset Factor CH0
OF0
Addr. 0x09, bit 5:0
Code
Factor
0x00
0
0x01
0.0322
...
+ Code/31
0x1F
1
0x20
0
0x21
−
0.0322
...
−
(Code − 32)/31
0x3F
−
1
Table 37: Fine Offset Factor CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com