Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH IC-PI Datasheet HTML 12Page - IC-Haus GmbH IC-PI Datasheet HTML 13Page - IC-Haus GmbH IC-PI Datasheet HTML 14Page - IC-Haus GmbH IC-PI Datasheet HTML 15Page - IC-Haus GmbH IC-PI Datasheet HTML 16Page - IC-Haus GmbH IC-PI Datasheet HTML 17Page - IC-Haus GmbH IC-PI Datasheet HTML 18Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 14/48
PROGRAMMING
Register Map, Overview . . . . . . . . . . . . . . . . . . . Page 14
Serial I2C interface . . . . . . . . . . . . . . . . . . . . . . . . .Page 16
ENFAST:
I2C Fast Mode
ENSL:
I2C Slave Mode
CHKSUM:
Configuration Data Checksum
CHPREL:
Chip Release
RUN:
Device Enable
PMODE:
Period Counting Mode
Bias Current Source and
Temperature Sensor . . . . . . . . . . . . . . . . . . . . . . . Page 20
CFGIBN:
Bias Current
CFGTA:
Temperature Monitoring
Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . Page 21
MODE:
Operating Mode
Input Configuration
and Signal Path Multiplexer . . . . . . . . . . . . . . . Page 23
R12:
I/V Mode and Input Resistance CH1,
CH2
BIAS12:
Reference Voltage CH1, CH2
R0:
I/V Mode and Input Resistance CH0
BIAS0:
Reference Voltage CH0
MUX:
Input Multiplexer
Signal Conditioning CH1, CH2 (X3...X6) . . . Page 26
GR12:
Coarse Gain Factor CH1, CH2
GF1:
Fine Gain Factor CH1
GF2:
Fine Gain Factor CH2
VOS12:
Offset Reference Source CH1, CH2
MP1:
VDC Center Potential CH1
MP2:
VDC Center Potential CH2
OR1:
Coarse Offset Factor CH1
OF1:
Fine Offset Factor CH1
OR2:
Coarse Offset Factor CH2
OF2:
Fine Offset Factor CH2
PH12:
Phase Correction CH1 to CH2
Signal Conditioning CH0 (X1, X2) . . . . . . . . . Page 28
GR0:
Coarse Gain Factor CH0
GF0:
Fine Gain Factor CH0
VOS0:
Offset Reference Source CH0
OR0:
Coarse Offset Factor CH0
OF0:
Fine Offset Factor CH0
DUAL:
Dual Input Mode
Signal Level Control . . . . . . . . . . . . . . . . . . . . . . . Page 30
ACOR(1:0): ACO Output Current Range
ACOT(1:0): ACO Output Control Mode
ACOS(4:0): Setpoint (relates to ACOT)
ACOHYS:
Control Deadband
Sine-To-Digital Conversion . . . . . . . . . . . . . . . . Page 32
SELRES:
Converter Resolution
SELHYS:
Converter Hysteresis
OFFSET:
Absolute Position Offset
Commutation Signals . . . . . . . . . . . . . . . . . . . . . Page 32
POLES:
Pole Count for Commutation Signals
Quadrature Output Logic . . . . . . . . . . . . . . . . . . Page 35
CFGABZ:
Output Logic
CFGZPOS: Zero Signal Positioning
ENZFF:
Zero Signal Synchronization
Output Settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 37
SIK:
Output Short-Circuit Current
SSR:
Output Slew Rate
TRIHL:
Output Drive Mode
MTD:
Minimum Edge Distance
ENF:
Noise Filter
Error Monitoring and Alarm Output . . . . . . . Page 38
EMTD:
Min. Indication Time Alarm Output ERR
EPH:
I/O Logic Alarm Output ERR
EPU:
Pull-Up Enable Alarm Output ERR
EMASKA:
Error Mask Alarm Output ERR
LINECNT:
Line Count Reference
EMASKO:
Error Mask Driver Shutdown
PDMODE:
Driver Activation
EMASKE:
Error Mask EEPROM Savings
ERRFIRST: Error Protocol: First Error
ERRACT:
Error Protocol: Last Error
ERRACC:
Error Protocol: History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com