Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 35 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 35 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH IC-PI Datasheet HTML 38Page - IC-Haus GmbH IC-PI Datasheet HTML 39Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 35/48
COMMUTATION SIGNALS
Selecting UVW Mode, commutation signals become
available at pins NA, NB and NZ. The pins PA, PB, and
PZ still present the incremental quadrature signals.
The setting of the parameter DUAL is relevant for gen-
erating the commutation signals.
For DUAL = 0, the commutation signals are derived
from the sine input period and are repeated after 1 to 8
fractions of the sine period.
For DUAL = 1, the commutation signals are derived
from 2 sine input periods and are unique together with
the digital word at the input of channel 0. The commu-
tation signals are repeated after 1 to 8 fractions of two
sine periods.
POLES
Addr. 0x25, bit 6:4
Code
Motor Pole Count
UVW Output
0x0
2 poles
1 cpr*, length 360°
0x1
4 poles
2 cpr, length 180°
0x2
6 poles
3 cpr, length 120°
0x3
8 poles
4 cpr, length 90°
0x4
10 poles
5 cpr, length 72°
0x5
12 poles
6 cpr, length 60°
0x6
14 poles
7 cpr, length 51.43°
0x7
16 poles
8 cpr, length 45°
Notes
*) Cycles per revolution with input of 1 sin/cos period
per mechanical revolution using DUAL = 0.
The setting of POLES is only relevant in UVW Mode
(MODE = 0x0E).
Table 52: Pole Count for Commutation Signals
Figure 19 shows the commutation sequence for a motor
with 6 pole pairs. Here, a commutation sequence span-
ning an angle of φ360UVW repeats itself 6 times within
one mechanical revolution of the motor’s rotor. The
phase shift between the commutation signals is 120°
related to one signal cycle (360°).
W
V
U
φ
120uvw
0°
60°
120°
360°
300°
φ
360uvw
φ
mech
Figure 19: Example of UVW commutation signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com