Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 12 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 12 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH IC-PI Datasheet HTML 12Page - IC-Haus GmbH IC-PI Datasheet HTML 13Page - IC-Haus GmbH IC-PI Datasheet HTML 14Page - IC-Haus GmbH IC-PI Datasheet HTML 15Page - IC-Haus GmbH IC-PI Datasheet HTML 16Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 12/48
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 4.3 ... 5.5 V, Tj = -40 °C ... 125 °C, IBN calibrated to 200 µA, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Serial I2C Interface SCL, SDA
D01 Vs()lo
Saturation Voltage lo
I() = 4 mA
400
mV
D02 Isc()lo
Short-Circuit Current lo
4
75
mA
D03 Vt()hi
Input Threshold Voltage hi
2
V
D04 Vt()lo
Input Threshold Voltage lo
0.8
V
D05 Vt()hys
Input Hysteresis
Vt()hys = Vt()hi − Vt()lo
150
300
mV
D06 Ipu()
Input Pull-Up Current
V() = 0...VDDS − 1 V
-750
-300
-75
µA
D07 Vpu()
Pull-Up Voltage
Vpu() = VDDS − V(), I() = -5 µA
0.4
V
D08 fclk()
Clock Frequency at SCL
ENFAST = 0
60
80
100
kHz
ENFAST = 1
240
320
400
kHz
D09 tbusy()cfg Duration of Startup Configuration IBN not calibrated, EEPROM access without
read failure, time to outputs operational;
ENFAST = 0
36
48
ms
ENFAST = 1
24
34
ms
D10 tbusy()err
End Of I2C Communication; Time
Until I2C Slave Is Enabled
IBN not calibrated;
V(SDA) = 0V
4
12
ms
V(SCL) = 0V or arbitration lost
indef.
ms
no EEPROM
45
135
ms
checksum ERROR
95
285
ms
D11 tp()
Start Of Master Activity On I2C
Protocol Error
SCL without clock signal: V(SCL) = constant;
IBN not calibrated
25
80
240
µs
IBN calibrated to 200 µA
64
80
150
µs
D12 fclk()ext
Permissible External Clock Fre-
quency at SCL
400
kHz
Temperature Monitoring
E01 VTs
Temperature Sensor Voltage
VTs() = VDDS − V(PA),
Calibration 3, without load;
Tj = -40 °C
740
770
790
mV
Tj = 27 °C
620
650
670
mV
Tj = 100 °C
460
520
540
mV
E02 TCs
Temp. Co. Temperature Sensor
Voltage
-1.8
mV/K
E03 VTth
Temperature Warning Activation
Threshold
VTth() = VDDS - V(NA), Tj = 27 °C,
Calibration 3, without load;
CFGTA(3:0) = 0x0
260
310
360
mV
CFGTA(3:0) = 0xF
470
550
630
mV
E04 TCth
Temp. Co. Temperature Warning
Activation Threshold
0.06
%/K
E05 Tw
Warning Temperature
CFGTA(3:0) = 0x0
125
140
°C
CFGTA(3:0) = 0xF
65
80
°C
E06 Thys
Warning Temperature Hysteresis 80 °C < Tj < 125 °C
10
15
25
°C
E07 ∆T
Relative Shutdown Temperature ∆T = Toff − Tw
5
15
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com