Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 43 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 43 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 39Page - IC-Haus GmbH IC-PI Datasheet HTML 40Page - IC-Haus GmbH IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH IC-PI Datasheet HTML 43Page - IC-Haus GmbH IC-PI Datasheet HTML 44Page - IC-Haus GmbH IC-PI Datasheet HTML 45Page - IC-Haus GmbH IC-PI Datasheet HTML 46Page - IC-Haus GmbH IC-PI Datasheet HTML 47Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 43/48
Figure 31: Test signal at pin PA for offset calibration
of channel CH1. The adjustment is ideal at
a duty ratio of 50%.
Figure 32: Test signal at pin PB for offset calibration
of channel CH2. The adjustment is ideal at
a duty ratio of 50%.
Pin NA:
duty cycle
50 % ?
yes
no
System Test
#5: phase calibration
PH12
up / down
(>90°) (<90°)
Figure 33: Correction of the sine-to-cosine phase shift
by PH12. Repeating the gain and offset
calibrations may be reasonable if larger
phase correction values are required (refer
to chapter signal conditioning for further
details).
Figure 34: Test signal at pin NA for phase calibration
of channel CH1 versus CH2. The adjust-
ment is ideal at a duty ratio of 50%.
Offset Quick Check
During normal operation with an interpolation factor of
one iC-PI comparates the sine and cosine zero cross-
ing. Connecting a DC voltmeter to the complementary
outputs (P versus N output) indicates directly deviations
of the duty cycle. Offset-free signals lead to a duty cycle
of 50 % and thus to a measurement value of zero Volts
ideally.
This measurement method can also be used when line
drivers are connected for 24 V applications; just sensi-
tivity is increased.
To obtain stable readings a minimal signal frequency
must be selected, what may depend on the voltmeter
model.
ABZ Mode
ACO Control OFF
SELRES
0x0003
V(PA) – V(NA)
= 0 V ?
minimized
no
OF1
up / down
ABZ Mode
resolution 4
interpolation factor x1
V(PB) – V(NB)
= 0 V ?
minimized
no
OF2
up / down
quick offset calibration
normal operation
Figure 35: Offset quick check during normal opera-
tion with interpolation factor x1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com