Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 46 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 46 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH IC-PI Datasheet HTML 43Page - IC-Haus GmbH IC-PI Datasheet HTML 44Page - IC-Haus GmbH IC-PI Datasheet HTML 45Page - IC-Haus GmbH IC-PI Datasheet HTML 46Page - IC-Haus GmbH IC-PI Datasheet HTML 47Page - IC-Haus GmbH IC-PI Datasheet HTML 48Page - IC-Haus GmbH IC-PI Datasheet HTML 49Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 46/48
controller recognizes this condition as an error. If there
is an overload at the outputs, the iC-DL itself—via its
temperature protection feature—makes sure that the
driver outputs are shut down (tristate). The controller
also recognizes this as an error. In addition, iC-PI can
record the overload condition in its error memory as a
system error when using the bidirectional I/O pin ERR
(as shown).
iC-PI
iC-DL
Figure 38: Application example with 24 V line driver.
Figure 39: Input circuit for sine encoders (0.8 Vpp to 1.2 Vpp) with 120 Ω termination
and low-pass filtering. RS2/RS4 and RC2/RC4 serve as protection against
ESD and transients. RS3/RC3 reduce the input signal levels to suit an
input gain of 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com