Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 29 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 29 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 29/48
SIGNAL CONDITIONING CH0
Input Mode CH0
DUAL configures the channel CH0 to process either
analog or digital input signals.
DUAL
Addr. 0x07, bit 7
Code
Mode
0x0
Analog input function
0x1
2-bit digital input function
Table 32: Dual Input Mode
When the inputs are configured to analog (DUAL = 0),
the gain and offset signal conditioning parameters de-
scribed further below are operational.
When configured for digital signals (DUAL = 1), the in-
puts X1 (for PCH0) and X2 (for NCH0) evaluate a 2-bit
Gray-coded multiturn signal. Using this code, the re-
peated signal cycles generated by a magnetoresistive
angle sensor or an optical polarization sensor can be
distinguished.
To do so, iC-PI interprets the upper bit on X1 (PCH0) as
period information, and uses the lower bit on X2 (NCH0)
to synchronize the multiturn information to the internal
angle position derived form the sine/cosine signals of
CH1 and CH2.
Gain Settings CH0
For analog input mode (DUAL = 0), the test signals
required to calibrate the zero channel are available in
mode Calibration 1.
Additionally, the relative phase of the ungated zero sig-
nal ZIn compared to A and B can be determined in mode
System Test.
The CH0 gain is set using the following steps:
1. The signal level control is to be shut down and the
constant current source for the ACO output is set to the
same values as during the calibration of CH1 and CH2
(registers ACOT, ACOR and ACOS).
2. The coarse gain is to be selected so that a differential
signal amplitude of approx. 1 Vpp is produced internally
(signal PCH0 to NCH0).
3. GF0 then permits fine gain adjustment to 1 Vpp. The
total gain is GR0 x GF0.
R0
Nx
GND
Px
0.25 Vp
1 Vpp
0.25 Vp
V
pk(Nx)
V
pk(Px)
V
peak-to-peak
Calibration 1
iC-PI
Figure 15: Definition of 1 Vpp differential test sig-
nal. Note that the outputs should not be
loaded during Test and Calibration modes
(R0 must be high resistance).
Note: Using mode Test 5 is not recommended, as the
CH0 outputs are not buffered.
GR0
Addr. 0x07, bit 6:4
Code
Factor with input voltage
divider (R0 = 0x9)
Factor w/o input voltage
divider (R0 ̸= 0x9)
0x0
0.5
2.0
0x1
1.0
4.1
0x2
1.3
5.3
0x3
1.7
6.7
0x4
2.2
8.7
0x5
2.6
10.5
0x6
3.3
13.2
0x7
4.0
16.0
Notes
The effective total gain is calculated using:
G0eff = GF0 x GR0, or
G0eff = 1/4 x GF0 x GR0
if using the input voltage divider (R0 = 0x9).
Table 33: Coarse Gain Factor CH0
GF0
Addr. 0x08, bit 4:0
Code
Factor
0x00
1.00
0x01
1.06
...
6.25
GF0
31
0x1F
6.25
Table 34: Fine Gain Factor CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com