Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 22 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 22 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 18Page - IC-Haus GmbH IC-PI Datasheet HTML 19Page - IC-Haus GmbH IC-PI Datasheet HTML 20Page - IC-Haus GmbH IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 22/48
OPERATING MODES
The iC-PI has several operating modes, for which the
functions of outputs PA, NA, PB, NB, PZ, NZ and ERR
are different.
Three operating modes are available for the output of
the angle position in normal operation. Mode 191/193
provides control signals for devices compatible with
74HC191 or 74HC193. Mode ABZ provides incre-
mental position as encoder quadrature signals with
a zero pulse. Mode UVW provides both incremental
encoder quadrature (ABZ) and commutation outputs
as single-ended signals. Only in these modes are the
line drivers and the reverse polarity protection feature
active.
In order to condition the input signals and to calibrate
and test the iC-PI, various Calibration and Test modes
are also available. Digital and analog test signals are
provided; the latter must always be measured at high
load impedance. The output drivers and the reverse po-
larity protection feature are not active during Calibration
and Test modes.
MODE(3:0)
Addr. 0x02; bit 3:0
Code
Operating Mode
Pin PA
Pin NA
Pin PB
Pin NB
Pin PZ
Pin NZ
Pin ERR
0x00
ABZ
A+
A-
B+
B-
Z+
Z-
ERR/ ZIn**
0x0E
UVW
A+
U
B+
V
Z+
W
ERR
0x0F
191/193
CPD
CPU
CP
nU/D
MR
nPL
ERR
0x01
Calibration 1
res.
res.
res.
IBN
PCH0
NCH0
res.
0x02
Calibration 2
PCH1
NCH1
PCH2
NCH2
VDC1
VDC2
res.
0x03
res. *
res.
res.
res.
res.
res.
res.
res.
0x04
res. *
res.
res.
res.
res.
res.
res.
res.
0x05
Test 5
PSIN
NSIN
PCOS
NCOS
PZO
NZO
IERR
0x06
Test 6 (MUX=0x40)
X4
X6
X3
X5
X1
X2
res.
0x07
Calibration 3
VTs
VTth
res.
res.
VTTFE
VTTSE
ERR
0x08
res. *
res.
0x09
res. *
res.
0x0A
res. *
res.
res.
res.
res.
res.
res.
res.
0x0B
System Test
A4
A8
B4
B8
ZIn
TP1
ERR
0x0C
res. *
res.
res.
res.
res.
res.
res.
res.
0x0D
res. *
res.
res.
res.
res.
res.
res.
res.
Hints
*) Test function for iC-Haus device test only. **) Requires EMASKA = 0x010 and EMTD = 0x00.
Table 18: Operating Modes
ABZ Mode
The angle position is output incrementally as en-
coder quadrature signals with a zero pulse.
All
output drivers are active and output complementary
RS422-compatible signals at PA and NA, PB and NB,
and PZ and NZ. The P prefix indicates a positive-go-
ing signal, the N prefix an inverted and negative-going
signal.
UVW Mode
This mode outputs encoder quadrature signals and
brushless motor commutation signals. All output drivers
are active and output single-ended signals for A, B, Z
(at the Px pins), and U, V, W (at the Nx pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com