Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 31 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 31 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 31/48
SIGNAL LEVEL CONTROL and SIGNAL MONITORING
iC-PI’s signal level controller can keep the input signals
for the sine-to-digital converter constant, regardless
of temperature and aging effects, when using control
output ACO to track the sensor supply.
ACOR(1:0) presets the output current range of pin
ACO, the control’s highside current source output, and
ACOT(1:0) defines its control mode.
The resulting internal signal amplitude and the control’s
operating range are both monitored and thus can be
used for error messaging.
ACOR
Addr. 0x15, bit 7:6
Code
Current range
00
5 mA
01
10 mA
10
25 mA
11
50 mA
Table 38: ACO Output Current Range (applies for con-
trol modes and constant current source)
ACOT
Addr. 0x16, bit 1:0
Code
Operating mode
00
Sine/cosine square control
01
Sum control
10
Constant current source
11
Not permitted (device test only)
Table 39: ACO Output Control Mode
The modes square control and sum control feature an
adjustable deadband, meaning that a deviation of the
input signal levels is balanced only if the configured
control deadband is exceeded (refer to ACOHYS). Due
to this, the control’s influence on the sensor’s signal
quality (regarding THD) can be significantly reduced.
The deadband is disabled when configuring a zero hys-
teresis, so that any deviation of the input levels will be
balanced immediately over the ACO output.
ACOHYS
Addr. 0x16, bit 6:4
Code
Hysteresis to setpoint (ACOT = 00)
000
2.5 %
001
5 %
010
7.5 %
011
10 %
1xx
None (continuous control)
Note
This function is available with square control and
sum control modes.
Table 40: Control Deadband
Square Control Mode
The standard control mode is square control which
uses (sine2 + cosine2) to adjust the ACO output current.
ACOS(4:0) determines the internal signal amplitudes
within the closed-loop control and, simultaneously, the
amplitude monitoring thresholds. The ideal setting is
when the sin/cos test signals available in operating
mode Test 5 are at 3 Vpp.
ACOS
Addr. 0x15, bit 5:1
Code
Square control (ACOT = 00)
0x00
Vpp() ≈ 1800 mV (60 %)
0x01
Vpp() ≈ 1830 mV (61 %)
...
...
≈
1800 mV
77
77−(1.25∗Code)
0x19
Vpp() ≈ 3000 mV (98 %)
...
...
0x1F
Vpp() ≈ 3600 mV (120 %)
Table 41: Square Control Setting (internal sin/cos sig-
nal amplitude)
Figure 16: Signal monitoring and test signals in
Test 5 mode (example for ACOS(4:0) =
0x19).
The signal monitoring thresholds are tracked according
to ACOS (4:0) and fit for square control mode. When
using sum control mode a different operating point can
be required for which the monitoring thresholds may
not be suitable. In this case signal monitoring should
be disabled via the error mask (see EMASKA etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com