Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 37 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 37 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH IC-PI Datasheet HTML 38Page - IC-Haus GmbH IC-PI Datasheet HTML 39Page - IC-Haus GmbH IC-PI Datasheet HTML 40Page - IC-Haus GmbH IC-PI Datasheet HTML 41Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 37/48
Zero Signal Output Logic
Figure 22: Zero signal gating by CFGABZ(3:0);
Example for CFGZPOS(7) = 1,
and
CFGZPOS(6:0) = 0x6.
Configuration Example 1
Incremental ABZ output with a zero signal of 180° syn-
chronous with the A signal at PA:
CFGABZ = "0000 1100"
Configuration Example 2
Incremental ABZ output with a zero signal of 270° which
can be synchronized externally with a 90° zero pulse
for PA = 1 und PB = 1:
CFGABZ = "1100 0111"
Figure 23: Function of CFGABZ(4)
Figure 24: Function of CFGABZ(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com