Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 36 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 36 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH IC-PI Datasheet HTML 38Page - IC-Haus GmbH IC-PI Datasheet HTML 39Page - IC-Haus GmbH IC-PI Datasheet HTML 40Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 36/48
OUTPUT SETTINGS AND ZERO SIGNAL
The interpolation factor (IPF) determines the number
of A/B signal cycles per input signal period. These A/B
signal cycles are counted internally by register POS, to
allow an adjustable gating with the external index signal
applied to the zero inputs.
POS starts from zero (when the sine/cosine input phase
is zero degrees) and reaches POSmax = IPF - 1 as its
maximum. The internal A/B signal cycle adheres to the
following pattern:
A 1 1 0 0
B 1 0 0 1
Table 53: Internal A/B Signal Cycle
Inversions and reversals can be selected for the output
of the A/B/Z signals using CFGABZ(7:4), and the zero
signal can be gated with any combination of the internal
A and B signal using CFGABZ(3:0).
CFGABZ
Addr. 0x1D, bit 7:0
Bit
Function and Description
7
Output inversion for channel A: PA<>NA
PA = P1i xor CFGABZ(7)
6
Output inversion for channel B: PB<>NB
PB = P2i xor CFGABZ(6)
5
Output inversion for index channel: PZ<>NZ
PZ = P0i xor CFGABZ(5)
4
Exchange of the A/B signals
0: P1i = A, P2i = B
1: P1i = B, P2i = A
Zero Signal Gating CFGABZ(3:0)
3
Enable for A = 1, B = 1
2
Enable for A = 1, B = 0
1
Enable for A = 0, B = 0
0
Enable for A = 0, B = 1
Table 54: Output Logic
Figure 20: Signal path from A and B to PA/NA and
PB/NB
Zero Signal Generation
The zero signal generation depends on the internal
window signal ZIn which is derived from a comparator
evaluating the calibrated input signals of CH0.
As the width of the window signal ZIn varies with the
offset calibration of CH0, its correct size and posi-
tion should be checked ahead of configuring any gat-
ing. Using Mode ABZ, the internal window signal
ZIn can be output to pin ERR for inspection (requires
EMASKA = 0x010 and EMTD = 0x0).
Figure 21: Signal path from ZIn to PZ/NZ
The zero signal output to PZ is generated during the
A/B cycle where the POS number is equal to CFGZ-
POS. It is therefore essential that this specific A/B cycle
is fully enclosed by the window signal ZIn.
CFGZPOS
Addr. 0x1E, bit 7:0
Bit
Description
7
1: Masking enabled
0: Masking disabled
(6:0)
Selection of A/B cycle number:
IPF < 200: POS = CFGZPOS(6:0)
IPF ≥ 200: POS = 8 * CFGZPOS(6:0)
Table 55: Zero Signal Positioning
Note: The A/B cycle number configured by CFGZ-
POS must not exceed POSmax = IPF - 1.
So when changing the interpolation factor IPF, CFGZ-
POS must be adapted accordingly.
ENZFF
Addr. 0x02, bit 4
Code
Description
0
Zero signal output with state change of P0i
1
Zero signal output synchronized with A/B signal
Table 56: Zero Signal Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com