Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 23 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 23 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 19Page - IC-Haus GmbH IC-PI Datasheet HTML 20Page - IC-Haus GmbH IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 23/48
191/193 Mode
In this mode the outputs provide control signals for
counter devices compatible with 74HC191 or 74HC193
according to the following table. When the output
drivers are active, the driving capability (SIK) and the
driver’s slew rate (SSR) must be adjusted so that the
clock pulses can be output with a short low pulse ac-
cording to the chosen minimum edge distance (see
Page 37).
191/193 Mode
Pin
Signal
Description
PA
CPD
Clock Down Pulse
NA
CPU
Clock Up Pulse
PB
CP
Clock Pulse
NB
nU/D
Count Direction (0: up, 1: down)
PZ
MR
Asynch. Master Reset (active high)
Signal is ’1’ if index position is reached,
otherwise ’0’.
NZ
nPL
Asynch. Parallel Load Input (active low) /
Reset (active low)
Signal is ’0’ if index position is reached,
otherwise ’1’.
Table 19: Description of pin signals in 191/193 Mode
(for 74HC191, 74HC193 and compatible de-
vices).
Calibration Modes 1, 2, 3
In mode Calibration 1 the IBN bias current (at pin NB)
and the analog signals PCH0 and NCH0 of the zero
channel can be measured (at pin PZ and NZ). Refer to
page 20 for the calibration of the IBN bias current, and
to page 28 for the calibration of the zero channel.
In mode Calibration 2 the conditioned sine and cosine
signals are output (PCH1, NCH1 and PCH2, NCH2).
These signals are supplied at a lower gain, which is
reduced by a factor of 6. The VDC offset references
VDC1 and VDC2 are also provided at the pins PZ and
NZ (relevant when VOS12 = 0x3). For a description of
the calibration process, see page 26.
In mode Calibration 3 the internal temperature mon-
itoring signals are provided. Refer to page 20 for a
description of the calibration of temperature monitoring.
Test Mode 5
In mode Test Mode 5 the conditioned sine and cosine
signals (PSIN, NSIN, PCOS, NCOS) and the condi-
tioned zero signal (PZO, NZO) are output. These high-
-level signals are the signals which are evaluated by the
sine-to-digital converter section.
Test Mode 6
The input voltages at the pins X3 to X6 can be checked
in mode Test Mode 6. The following settings are re-
quired:
• MUX = 0x40
System Test Mode and Digital Calibration
This mode allows the signal conditioning to be adjusted.
At a resolution of 4, the interpolator generates an en-
coder edge every 90 degrees. At a resolution of 8, the
interpolator generates an encoder edge every 45 de-
grees. The objective of the calibration procedure is an
output duty cycle of exactly 50 % for A4, B4, A8, and B8.
System Test
Pin
Signal
Description
PA
A4
Offset CH1
NA
A8
Phase deviation from 90° between
CH1 and CH2
PB
B4
Offset CH2
NB
B8
Amplitude deviation between
CH1 and CH2
PZ
ZIn
Digital zero signal, unmasked
NZ
TP1
Verification of line count (pulses) between two
zero pulses
Low signal: verification running (state after
power on reset)
High signal: verification finished
An error messaging at ERR is valid after the
second zero signal (enable required).
The following settings are required for mode System Test:
MODE = 0x0B, SELRES = 0x0007, SELHYS = 0xF,
CFGABZ(7:4) = ’0000’
Table 20: Digital Calibration Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com