Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH IC-PI Datasheet HTML 12Page - IC-Haus GmbH IC-PI Datasheet HTML 13Page - IC-Haus GmbH IC-PI Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 10/48
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 4.3 ... 5.5 V, Tj = -40 °C ... 125 °C, IBN calibrated to 200 µA, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Output Drivers PA, NA, PB, NB, PZ, NZ
501 Vs()hi
Saturation Voltage hi
Vs()hi = VDD - V();
SIK(1:0) = 00, I() = -1.2 mA
200
mV
SIK(1:0) = 01, I() = -4 mA
200
mV
SIK(1:0) = 10, I() = -20 mA
400
mV
SIK(1:0) = 11, I() = -50 mA
700
mV
502 Vs()lo
Saturation Voltage lo
SIK(1:0) = 00, I() = 1.2 mA
200
mV
SIK(1:0) = 01, I() = 4 mA
200
mV
SIK(1:0) = 10, I() = 20 mA
400
mV
SIK(1:0) = 11, I() = 50 mA
700
mV
503 Isc()hi
Short-Circuit Current hi
V() = 0 V;
SIK(1:0) = 00
-4
-1.2
mA
SIK(1:0) = 01
-12
-4
mA
SIK(1:0) = 10
-60
-20
mA
SIK(1:0) = 11
-150
-50
mA
504 Isc()lo
Short-Circuit Current lo
V() = VDD;
SIK(1:0) = 00
1.2
4
mA
SIK(1:0) = 01
4
12
mA
SIK(1:0) = 10
20
60
mA
SIK(1:0) = 11
50
150
mA
505 tr()
Rise Time
RL = 100 Ω to GND;
SSR(1:0) = 00
5
20
ns
SSR(1:0) = 01
5
40
ns
SSR(1:0) = 10
20
140
ns
SSR(1:0) = 11
50
350
ns
506 tf()
Fall Time
RL = 100 Ω to VDD;
SSR(1:0) = 00
5
20
ns
SSR(1:0) = 01
5
40
ns
SSR(1:0) = 10
30
140
ns
SSR(1:0) = 11
50
350
ns
507 Ilk()tri
Leakage Current
TRIHL(1:0) = 11 (tristate)
20
100
µA
508 IIk()rev
Leakage Current
reversed supply voltage
100
µA
509 Rin()calib
Test Signal Source Impedance
mode Calibration 1, 2, 3: for any signal
2.5
4
kΩ
mode TEST 5: for signals PSIN, NSIN, PCOS,
NCOS; fin() = TBD
2.5
4
kΩ
510 Rin()test5
Test Signal Source Impedance
mode TEST 5: for signals PZO, NZO; fin() =
TBD
1
MΩ
511 I()cal
Permissible Test Signal Load
Op. modes Calibration 1, 2, 3
-3
3
µA
512 twhi
Duty Cycle at A, B
relative to output period T (see Fig. 1)
50
%
513 tAB
Output Phase A to B
relative to output period T (see Fig. 1)
25
%
514 tMTD
Minimum Edge Distance
see Fig. 1; MTD = 0x0
20
25
32
ns
MTD = 0x1
42
50
62
ns
515 ∆tMTD
Minimum Edge Distance
Variation
VDD = 4.3...5.5 V, Tj = 27 °C, variation vs.
VDD = 5 V, MTD = 0x01;
-10
+10
%
VDD = 5 V, Tj = -40...125 °C, variation vs.
Tj = 27 °C, MTD = 0x01;
-5
+15
%
Signal Level Control, Current Source Output ACO
601 Vs()hi
Saturation Voltage hi
Vs()hi = VDD - V(), ACOT(1:0) = 0x2,
ACOS(4:0) = 0x1F;
ACOR(1:0) = 0x0, I() = -5 mA
1
V
ACOR(1:0) = 0x1, I() = -10 mA
1
V
ACOR(1:0) = 0x2, I() = -25 mA
1
V
ACOR(1:0) = 0x3, I() = -50 mA
1.2
V
602 Isc()hi
Short-Circuit Current hi
V() = 0 ... VDD - Vs()hi, ACOT(1:0) = 0x2,
ACOS(4:0) = 0x1F;
ACOR(1:0) = 0x0
-10
-5
mA
ACOR(1:0) = 0x1
-20
-10
mA
ACOR(1:0) = 0x2
-50
-25
mA
ACOR(1:0) = 0x3
-100
-50
mA
603 It()min
Control Range Monitoring 1:
lower limit
refer to current range ACOR(1:0)
3
%Isc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com