Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 24 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 24 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 20Page - IC-Haus GmbH IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 24/48
PGA INPUT CONFIGURATION AND SIGNAL PATH MULTIPLEXER
All input stages are configured as instrumentation am-
plifiers and thus directly suitable for differential input
signals. Single-ended input signals can be processed
by applying the input signal’s reference voltage to the
negative inputs, and to X2, when using the single-ended
input configuration.
Both voltage and current signals can be accepted as
input signals. For selection, use registers R12 and R0.
VOSx:
MPx:
Figure 10: Signal conditioning input circuit.
Voltage Signals
In voltage mode (V-Mode), an optional voltage divider
can be selected for high input amplitudes. This voltage
divider reduces the input signal’s amplitude to 25 %
of the original. The internal circuit corresponds to the
circuit in current mode, just the in-line resistor R1 is
altered.
Current Signals
In current mode (I-Mode), an internal resistor R2() be-
comes active at each input, converting the current sig-
nal into a voltage signal. The effective input resistance
Rin() is always determined by the sum of R1 and R2,
whereas R2 is linking to the selectable reference volt-
age VREFin.
R2 should be set to obtain approx. 125 mV to 250 mV
for the VDC offset references (for VDC1 and VDC2,
using operating mode Calibration 2).
Note: The input circuit is not suitable for back-to-back
photodiodes.
R12
Addr. 0x05, bit 3:0
R0
Addr. 0x04, bit 3:0
Code
In-line R1()
Internal R2()
I/V Mode
x000
0.1 kΩ
1.6 kΩ
I-Mode
x010
0.2 kΩ
2.3 kΩ
I-Mode
x100
0.3 kΩ
3.2 kΩ
I-Mode
x110
0.3 kΩ
4.6 kΩ
I-Mode
0xx1
3.5 kΩ
High
impedance
V-Mode 1:1
1xx1
15 kΩ
5 kΩ
V-Mode 4:1°
Notes
Nominal values; Rin = R1() + R2(); for tolerances
refer to Elec.Char. No. 108, 109, and 110.
VREFin is the voltage divider’s footpoint. Input
currents may be positive or negative (Vin > VREFin,
or Vin < VREFin).
When using X2 as reference and single-ended input
configuration, use R12 = R0.
*) Refer to Elec. Char. No. 102 for permissible input
voltage range.
Table 21: I/V Mode and Input Resistance
Input Reference Voltages
The parameters BIAS12 and BIAS0 determine the in-
put circuit’s internal reference voltages VREFI12 and
VREFI0.
BIAS12
Addr. 0x05, bit 6
BIAS0
Addr. 0x04, bit 6
Code
Function
0
VREFI = 2.5 V
for low-side current sinks (e.g. photodiodes with
common anode at GNDS)
Note*: V(PXi) + V(NXi) < 2 x VREFin
1
VREFI = 1.5 V
for high-side currrent-sources (e.g. photodiodes with
common cathode at VDDS)
for voltage sources relative to ground
(e.g. iC-SM2, Wheatstone sensor bridges)
for voltage sources with low-side reference
(e.g. iC-LSHB, when using MUX(5:4) = 3)
Note*: V(PXi) + V(NXi) > 2 x VREFin
Notes
*) Condition is relevant only if using
- the VDC offset references (see Table 27)
- the input voltage divider (see Table 21)
- sum control mode (see Table 39)
Table 22: Reference Voltage
In the generation of the VDC offset references, BIAS12
also determines whether the reference voltage VREFin
is subtracted from the sum of the particular input signals
or the sum is subtracted from VREFin.
In the generation of the VDC offset references it is
also essential that the input circuit refers to the same
footpoint as the incoming sensor signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com