Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 25 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 25 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 25/48
For footpoint levels above ground, MUX(5:4) = 0x3 al-
lows to replace both internal VREFI12 and VREFI0
sources by the sensor’s reference voltage, connected
as VREFex to input X2.
Vice versa, using MUX(5:4) = 0x2, iC-PI’s internal
VREFI12 can be output to X2, to be used as refer-
ence for the external sensor circuit (using an opamp for
buffering is required).
Note that whenever X2 is used to output VREFI12, or
to input VREFIex from an external reference, VREFIin is
always the same for CH1, CH2, and CH0.
5V
3V
2V
4V
1V
VCM 2.625 V
VIN 250 mV max.
VCM 1.125 V
VCM 3.75 V
VDDS= 4.25 V
VCM
VIN 1 V max.
V-Mode 1:1, GR12eff = 2
VREFin 1.5 V or 2.5 V
GNDS 0.25 V
VCM 0.75 V
1 V
V-Mode 4:1, GR12eff = 2
VREFin 1.5 V
5V
3V
2V
4V
1V
VDDS= 4.25 V
VCM
2.75 V
Figure 11: Permissible maximum input amplitude VIN
and common mode input range VCM for
G12eff = 2.0 and V-Mode 1:1
5V
3V
2V
4V
1V
VCM 2.625 V
VIN 250 mV max.
VCM 1.125 V
VCM 3.75 V
VDDS= 4.25 V
VCM
VIN 1 V max.
V-Mode 1:1, GR12eff = 2
VREFin 1.5 V or 2.5 V
GNDS 0.25 V
VCM 0.75 V
1 V
V-Mode 4:1, GR12eff = 2
VREFin 1.5 V
5V
3V
2V
4V
1V
VDDS= 4.25 V
VCM
2.75 V
Figure 12: Permissible maximum input amplitude VIN
and common mode input range VCM for
G12eff = 2.0 and V-Mode 4:1.
5V
3V
2V
4V
1.75 V
1V
VCM 2.25 V
VCM 3.75 V
VDDS= 4.25 V
VDDS= 4.25 V
VCM 0.75 V
VCM
VIN 1 V max.
V-Mode 4:1
VREFex 0.5 V
V-Mode 4:1
VREFex 0.75 V
V-Mode 4:1
VREFex 1.5 V
V-Mode 4:1
VREFex 2.5 V
1 V
VCM 1.75 V
VCM 2.25 V
VCM 0.75 V
VCM 3.75 V
VCM 3.75 V
Notes: MUX(5:4) = 3, GR12eff = 2; VREFex and
are referenced to GNDS.
VREFin
GNDS 0.25 V
2.75 V
Figure 13: Permissible maximum input amplitude VIN and common mode input range VCM for
G12eff = 2.0 and V-Mode 4:1 in dependancy to the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com