Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-PI Datasheet HTML 1Page - IC-Haus GmbH IC-PI Datasheet HTML 2Page - IC-Haus GmbH IC-PI Datasheet HTML 3Page - IC-Haus GmbH IC-PI Datasheet HTML 4Page - IC-Haus GmbH IC-PI Datasheet HTML 5Page - IC-Haus GmbH IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 5/48
PACKAGING INFORMATION
PIN CONFIGURATION TSSOP20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
X1
SDA
ACO
X6
X5
GNDS
VDDS
X4
X3
X2
PZ
NZ
VDD
GND
PA
NA
PB
NB
SCL
ERR
PIN FUNCTIONS
No. Name
Function
1 X1
Signal Input 1 (Index +)
2 X2
Signal Input 2 (Index -)
3 X3
Signal Input 3
4 X4
Signal Input 4
5 VDDS1 Internal Analog Supply Voltage and
Switched Supply Output (20 mA max.),
reverse polarity proof
6 GNDS1 Switched Ground,
reverse polarity proof
7 X5
Signal Input 5
8 X6
Signal Input 6
9 ACO
Signal Level Control,
high-side current source output
10 SDA
Serial I2C Interface, data line
11 SCL
Serial I2C Interface, clock line
12 NB
Incr. Output B- / Commutation Outp. V
13 PB
Incr. Output B+
14 NA
Incr. Output A- / Commutation Outp. U
15 PA
Incr. Output A+
16 GND
Ground
17 VDD
+4.3...5.5 V Supply Voltage
18 NZ
Incr. Output Z- / Commutation Outp. W
19 PZ
Incr. Output Z+
20 ERR
Error Signal Input/Output
IC top marking: <P-CODE> = product code, <A-CODE> = assembly code (subject to changes), <D-CODE> = date code (subject to changes);
1 It is advisable to connect a bypass capacitor of about 100 nF (up to 1 µF max.) close to the chip’s analog supply terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com