Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 42 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 42 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 38Page - IC-Haus GmbH IC-PI Datasheet HTML 39Page - IC-Haus GmbH IC-PI Datasheet HTML 40Page - IC-Haus GmbH IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH IC-PI Datasheet HTML 43Page - IC-Haus GmbH IC-PI Datasheet HTML 44Page - IC-Haus GmbH IC-PI Datasheet HTML 45Page - IC-Haus GmbH IC-PI Datasheet HTML 46Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 42/48
Presets
ACO Control OFF
calibration procedure
Bias
Calibration 1
Gain
VDC Reference
Calibration 2
/ System Test
Offset
System Test
Phase
Calibration 2
Gain: GF1
Offset: OF1
ABZ Mode
ACO Control ON
Normal operation
(repetition)
(repetition)
#1
#2
#3
#4
#5
(#2)
(#4)
Figure 25: Principle approach
(shown for channel CH1 and CH2).
Bias Current
CFGIBN 0x8
VDDS – NB
= 2 V ?
yes
no
CFGIBN
up / down
Calibration 1
#1: bias calibration
Connect 10 kΩ
resistor required between
pins VDDS and NB
Figure 26: Verification of the bias current is recom-
mended, and if necessary adjustment (see
chapter bias current source).
Coarse Gain
GR12
Calibration 2
Fine Gain
GF2, GF1
ca. 250 mVpk
Pin NB: duty
cycle 50 % ?
yes
no
Fine Gain
GF1
System Test
#2: gain calibration
Figure 27: Adjustment of coarse gain GR12 and fine
gains GF1 and GF2 to obtain the target am-
plitude of 250 mVpeak. Amplitude match-
ing is adjusted by fine gain control GF1 of
channel CH1.
Figure 28: Test signal at pin NB for fine tuning of chan-
nel CH1 for identical amplitudes. The ad-
justment is ideal at a duty ratio of 50%.
Offset Ref.
VOS12 = 0x03
MP1 = 0x20
MP2 = 0x20
self-tracking VDC
offset reference
Pin PZ:
AC ripple ?
minimized
yes
MP1
up / down
Calibration 2
center setting
Pin NZ:
AC ripple ?
minimized
yes
MP2
up / down
#3: ref. calib. (only for VDC)
Figure 29: When using the self-tracking VDC offset
references, an adjustment of the VDC cen-
ter potentials for minimal AC ripple is advis-
able. Other offset references do not require
this adjustment.
Offset Ref.
VOS12
Coarse Offset
OR1, OR2
Pin PA:
duty cycle
50 % ?
yes
no
OF1
up / down
System Test
multiplier
(keep low for accuracy)
Pin PB:
duty cycle
50 % ?
yes
no
OF2
up / down
(>50%) (<50%)
(>50%) (<50%)
#4: offset calibration
Figure 30: Selection of coarse offset OR1 and OR2
and the subsequent calibration of OF1 and
OF2. Selecting OR1 and OR2 as small as
possible permits a finer adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com