Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 26 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 26 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 26/48
Signal Path Multiplexer
The pins X3 to X6 are assigned to the internal channels
CH1 and CH2 according to Table 23. The signals for
index channel CH0 are always connected to the pins
X1 and X2.
MUX(6:0)
Addr. 0x03, bit 6:0
Code
Function
PCH2i
NCH2i
PCH1i
NCH1i
PCH0i
NCH0i
MUX(2:0)
Addr. 0x03, bit 2:0
any
Fixed assignment
X4
X1
X2
0
Differential input configuration
X3
X5
X6
2
Single crossing
X3
X6
X5
3
Double crossing
X5
X6
X3
4
Single-ended input configuration
X3
X2
X2
7
Single crossing
X5
X2
X2
MUX(3)
Addr. 0x03, bit 3
0
Default assignment
→
PCH0o
→
NCH0o
1
Index signal inversion
→
NCH0o
→
PCH0o
MUX(5:4)
Addr. 0x03, bit 5:4
0
Default assignment
X2
VREFin12 = VREFI12
VREFin0 = VREFI0
2
X2 Output function
VREFin12 = VREFin0 = VREFI12
VREFI12 is output to X2
VREFI → X2
3
X2 Reference input function
VREFin12 = VREFin0 = VREFex
External VREFex is input to X2
X2 ← VREFex
MUX(6:0)
Addr. 0x03, bit 6:0
Code
Function
Pin PB
Pin NB
Pin PA
Pin NA
Pin PZ
Pin NZ
Default assignment
PCH2o
NCH2o
PCH1o
NCH1o
0x40
TEST 6 (MODE = 0x6)
OpAmp bypass function
X3
X5
X4
X6
X1
X2
Notes
MUX(6:0): Settings which are not explicitly specified may lead to an undesired chip function.
MUX(2): The function is compatible to the function of INMODE described for iC-MSB and iC-MQ.
MUX(3): The function is compatible to the function of INVZ described for iC-MSB and iC-MQ.
MUX(5:4): The function is compatible to the function of BIASEX described for iC-MSB and iC-MQ.
Table 23: Input Multiplexer Function, Input Signal Mode, and Reference Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com