Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH IC-PI Datasheet HTML 12Page - IC-Haus GmbH IC-PI Datasheet HTML 13Page - IC-Haus GmbH IC-PI Datasheet HTML 14Page - IC-Haus GmbH IC-PI Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 11/48
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 4.3 ... 5.5 V, Tj = -40 °C ... 125 °C, IBN calibrated to 200 µA, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
604 It()max
Control Range Monitoring 2:
upper limit
refer to current range ACOR(1:0)
90
%Isc
605 Vt()min
Signal Level Monitoring 1:
lower limit
relative to Vscq()
40
%Vpp
606 Vt()max
Signal Level Monitoring 2:
upper limit
relative to Vscq()
130
%Vpp
607 Vin(ACO)
Permissible Input Voltage for
Offset-Tracking
0
VDDS
V
System Clock
701 f()max
Max. Permissible System Clock
Frequency
50
MHz
702 f()clk
System Clock Frequency
IBN calibrated to 200 µA
28
37
49
MHz
IBN calibrated for 40 MHz (80 kHz at SCL)
34
40
50
MHz
703 ∆f()clk
System Clock Variation
VDD = 4.3...5.5 V, Tj = 27 °C, variation vs.
VDD = 5 V;
-10
10
%
VDD = 5 V, Tj = -40...125 °C, variation vs.
Tj = 27 °C;
-5
15
%
Bias Current Source and Reference Voltages
801 IBN
Bias Current Source
Calibration 1, I(NB) vs. VDDS;
CFGIBN = 0x0
110
µA
CFGIBN = 0xF
370
µA
IBN calibrated at Tj = 25 °C
180
200
220
µA
802 VBG
Internal Bandgap Reference
1.2
1.25
1.3
V
803 VPAH
Reference Voltage
45
50
55
%VDDS
804 V05
Reference Voltage V05
450
500
550
mV
805 V025
Reference Voltage V025
50
%V05
Power-Down-Reset
901 VDDon
Turn-on Threshold VDD,
Power-Up-Enable
increasing voltage at VDD
3.6
4.0
4.3
V
902 VDDoff
Turn-off Threshold VDD,
Power-Down-Reset
decreasing voltage at VDD
3.0
3.5
3.8
V
903 VDDhys
Hysteresis
0.4
V
Error Signal Input/Output, Pin ERR
B01 Vs()lo
Saturation Voltage lo
versus GND, I() = 4 mA
0.4
V
B02 Isc()lo
Short-Circuit Current lo
versus GND, V(ERR) ≤ VDD
4
5
8
mA
B03 Isc()
Low-Side Current Source For
Data Output
versus GND, V(ERR) > VTMon
L state
2
mA
Z state
0
mA
B04 Vt()hi
Input Threshold Voltage hi
versus GND
2
V
B05 Vt()lo
Input Threshold Voltage lo
versus GND
0.8
V
B06 Vt()hys
Input Hysteresis
Vt()hys = Vt()hi − Vt()lo
300
500
mV
B07 Ipu()
Input Pull-Up Current
V() = 0...VDD − 1 V, EPU = 1
-400
-300
-200
µA
B08 Vpu()
Pull-Up Voltage
Vpu() = VDD − V(), I() = -5 µA, EPU = 1
0.4
V
Reverse Polarity Protection and Supply Switches VDDS, GNDS
C01 Vs()
Saturation Voltage vs. VDD
Vs(VDDS) = VDD − V(VDDS);
I(VDDS) = -10...0 mA
200
mV
I(VDDS) = -20...-10 mA
300
mV
C02 Vs()
Saturation Voltage vs. GND
Vs(GNDS) = V(GNDS) − GND;
I(GNDS) = 0...10 mA
200
mV
I(GNDS) = 10...20 mA
250
mV
C03 C()
Backup Capacitor Analog Supply
VDDS vs. GNDS
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com