Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 44 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 44 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 40Page - IC-Haus GmbH IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH IC-PI Datasheet HTML 43Page - IC-Haus GmbH IC-PI Datasheet HTML 44Page - IC-Haus GmbH IC-PI Datasheet HTML 45Page - IC-Haus GmbH IC-PI Datasheet HTML 46Page - IC-Haus GmbH IC-PI Datasheet HTML 47Page - IC-Haus GmbH IC-PI Datasheet HTML 48Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 44/48
Signal Conditioning Example 1:
Photodiode array connected to current inputs, LED supply with constant current source
Step
Operating Mode
Calibration and Signal
1.
Presets
VOS12= 0x3, GF1= 0x400, VDC1= 0x200, OF1= 0x0, GF2= 0x10, VDC2= 0x200, OF2= 0x0
Example: LED current approx. 6.25 mA
ACOT(1:0)= 0x2 (constant current source), ACOR(1:0)= 0x3 (range 50 mA), ACOS(4:0)= 0x04
(value 12.5)
2.
Calibration of Channel 1:
Test 5
Parameter GR12: Adjust the diff. signal at PA to NA to approx. 6 Vpp amplitude
Test 5
Parameter GF1: Adjust the diff. signal at PA to NA to exactly 6 Vpp amplitude
Calibration 2
Parameter VDC1: Minimize the AC component of VDC1 at PZ (ripple < 10 mVpeak)
Test 5
Parameter OR1, OF1: Minimize the DC component of the diff. signal PA to NA (< 5 mVdc)
3.
Test 5
Calibration of Channel 2:
Test 5
Parameter GF2: Adjust the diff. signal at PB to NB to exactly 6 Vpp amplitude
Calibration 2
Parameter VDC2: Minimize the AC component of VDC2 at NZ (ripple < 10 mVpeak)
Test 5
Parameter OR2, OF2: Minimize the DC component of the diff. signal PB to NB (< 5 mVdc)
4.
System Test
1st Iteration, Calibration of Channel 1 to Channel 2:
duty cycle
Parameter OF1: Adjust duty ratio of A4 at PA to 50 %
Parameter OF2: Adjust duty ratio of B4 at PB to 50 %
Parameter PH12: Adjust duty ratio of A8 at NA to 50 %
Parameter GF1: Adjust duty ratio of B8 at NB to 50 %
5.
Calibration 2
Repeated Adjustment of VDC Offset References, VDC1 and VDC2:
Parameter VDC1: Minimize the AC component of VDC1 at PZ
Parameter VDC2: Minimize the AC component of VDC2 at NZ
6.
System Test
2nd Iteration, Calibration of Channel 1 to Channel 2:
duty cycle
Parameter OF1: Adjust duty ratio of A4 at PA to 50 %
Parameter OF2: Adjust duty ratio of B4 at PB to 50 %
Parameter PH12: Adjust duty ratio of A8 at NA to 50 %
Parameter GF1: Adjust duty ratio of B8 at NB to 50 %
Table 71: Conditioning example 1
Signal Conditioning Example 2:
Encoder supplying 100 mVpp to voltage inputs
Step
Operating Mode
Calibration and Signal
1.
Presets
VOS12= 0x1, GF1= 0x400, OF1= 0x0, GF2= 0x10, OF2= 0x0
2.
Calibration of Channel 1:
Test 5
Parameter GR12: Adjust the diff. signal at PA to NA to approx. 6 Vpp amplitude
Test 5
Parameter GF1: Adjust the diff. signal at PA to NA to exactly 6 Vpp amplitude
Test 5
Parameter OR1, OF1: Minimize the DC component of the diff. signal PA to NA (< 5 mVdc)
3.
Test 5
Calibration of Channel 2:
Test 5
Parameter GF2: Adjust the diff. signal at PB to NB to exactly 6 Vpp amplitude
Test 5
Parameter OR2, OF2: Minimize the DC component of the diff. signal PB to NB (< 5 mVdc)
4.
System Test
Calibration of Channel 1 vs. Channel 2:
duty cycle
Parameter OF1: Adjust duty ratio of A4 at PA to 50 %
Parameter OF2: Adjust duty ratio of B4 at PB to 50 %
Parameter PH12: Adjust duty ratio of A8 at NA to 50 %
Parameter GF1: Adjust duty ratio of B8 at NB to 50 %
Table 72: Conditioning example 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com