Electronic Components Datasheet Search
  English  ▼

X  

IC-PI Datasheet(PDF) 19 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 19 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 15Page - IC-Haus GmbH IC-PI Datasheet HTML 16Page - IC-Haus GmbH IC-PI Datasheet HTML 17Page - IC-Haus GmbH IC-PI Datasheet HTML 18Page - IC-Haus GmbH IC-PI Datasheet HTML 19Page - IC-Haus GmbH IC-PI Datasheet HTML 20Page - IC-Haus GmbH IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 19/48
If an EEPROM is connected and iC-PI is enabled for
error logging (refer to description on page 39), the error
memory needs to be cleared afterwards.
Addr 0x02
bit 7 = 0
Write Registers
0x00 ... 0x2F
Addr 0x02
bit 7 = 1
RUN = 0
RUN = 1
Configuration
Write Check Sum
0x2F
Confirmation
Clear E2Prom Errors
0x31-0x33
Reset of Error
Memory
Figure 8: Programming via I2C. RUN is altered by
changing only bit 7 of address 0x02 and
leaving bits 6:0 unchanged.
Note: iC-PI verifies its RAM contents cyclically ver-
sus the checksum stored at address 0x2F. As these
check cycles take less than half a millisecond, writing
a single byte or parameter can trigger a configura-
tion error, at least temporarily, until the checksum has
been updated.
Note: When finally clearing the error memory, the
sensor system should run properly as otherwise iC-PI
may update the error memory immediately (if error
logging is enabled).
Identification of Chip Release
For chip release verification purposes an identification
value is stored at address 0x3F; writing to this ROM
address is not permitted.
CHPREL
Addr. 0x3F, bit 7:0 (ROM)
Code
Chip Release
0x34
iC-PI Y
0x35
iC-PI Y1
0x36
iC-PI X
Table 10: Chip Release
Access Rights
Register
Read access in I2C slave mode (ENSL = 1)
RAM Addr.
Content
0x00-0x2F
Configuration data
(see EEPROM addresses 0x00-0x2F)
0x30-0x33
Error data
(see EEPROM addresses 0x30-0x33)
0x34-0x37
Position data
0x38-0x3E
Not available
0x3F
Chip release CHPREL(7:0)
0x40-0x7F
Not available
Table 11: RAM Read Access
The internally available absolute angle information can
be accessed by reading addresses 0x34 and 0x35.
Each time address 0x34 is read the internal position
data is latched.
Register
Write access in I2C slave mode (ENSL = 1)
RAM Addr.
Access and conditions
0x00-0x1C
Changes permitted, no restrictions
0x1D-0x25
Changes permitted during standby (RUN = 0)
0x26-0x2F
Changes permitted, no restrictions
0x30-0x33
Changes permitted, no restrictions
0x34-0x35
No write access permitted
0x36
Write access impacts bit 7 (PMODE) only.
0x37-0x3F
No write access permitted
Table 12: RAM Write Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com