Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 60 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 60 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 56Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 57Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 58Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 59Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 60Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 61Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 62Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 63Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 64Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 119 page
background image
BMA255
Data sheet
Page 60
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x0C (INT_STATUS_3)
The register contains interrupt status flags. Each flag is associated with a specific interrupt
engine. It is set when the associated interrupt engine triggers. With the exception of orient<3:0>
the setting of latch_int<3:0> controls if the interrupt signal and hence the respective interrupt
flag will be permanently latched, temporarily latched or not latched. The interrupt function
associated with a specific status flag must be enabled.
Name
0x0C
INT_STATUS_3
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
flat
orient<2:0>
Bit
3
2
1
0
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
high_sign
high_first_z
high_first_y
high_first_x
flat:
device is in ‘1’  flat, or ‘0’ non flat position;
only valid if (0x16) flat_en = ‘1’
orient<2>:
Orientation value of z-axis: ´0´  upward looking, or ´1´  downward
looking. The flag always reflect the current orientation status, independent of
the setting of latch_int<3:0>. The flag is not updated as long as an
orientation blocking condition is active.
orient<1:0>:
orientation value of x-y-plane:
‘00’portrait upright;
‘01’portrait upside down;
‘10’landscape left;
‘11’landscape right;
The flags always reflect the current orientation status, independent of the
setting of latch_int<3:0>. The flag is not updated as long as an orientation
blocking condition is active.
high_sign:
sign of acceleration signal that triggered high-g interrupt was ‘0’positive, ‘1’
negative
high_first_z:
high-g interrupt: ‘1’  triggered by, or ‘0’not triggered by z-axis
high_first_y:
high-g interrupt: ‘1’  triggered by, or ‘0’not triggered by y-axis
high_first_x:
high-g interrupt: ‘1’  triggered by, or ‘0’not triggered by x-axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com