Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 67 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 67 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 63Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 64Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 65Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 66Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 67Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 68Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 69Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 70Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 71Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 119 page
background image
BMA255
Data sheet
Page 67
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x17 (INT_EN_1)
Controls which interrupt engines in group 1 are enabled.
Name
0x17
INT_EN_1
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
int_fwm_en
int_ffull_en
data_en
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
low_en
high_en_z
high_en_y
high_en_x
reserved:
write ‘0’
int_fwm_en:
FIFO watermark interrupt: ‘0’disabled, or ‘1’ enabled
int_ffull_en:
FIFO full interrupt: ‘0’disabled, or ‘1’ enabled
data_en
data ready interrupt: ‘0’disabled, or ‘1’ enabled
low_en:
low-g interrupt: ‘0’disabled, or ‘1’ enabled
high_en_z:
high-g interrupt, z-axis component: ‘0’disabled, or ‘1’ enabled
high_en_y:
high-g interrupt, y-axis component: ‘0’disabled, or ‘1’ enabled
high_en_x:
high-g interrupt, x-axis component: ‘0’disabled, or ‘1’ enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com