Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 50 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 50 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 48Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 49Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 50Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 51Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 52Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 53Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 54Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 119 page
background image
BMA255
Data sheet
Page 50
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x00 (BGW_CHIPID)
The register contains the chip identification code.
Name
0x00
BGW_CHIPID
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
chip_id<7:4>
Bit
3
2
1
0
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
chip_id<3:0>
chip_id<7:0>:
Fixed value b’1111’1010
Register 0x02 (ACCD_X_LSB)
The register contains the least-significant bits of the X-channel acceleration readout value.
When reading out X-channel acceleration values, data consistency is guaranteed if the
ACCD_X_LSB is read out before the ACCD_X_MSB and shadow_dis=’0’. In this case, after the
ACCD_X_LSB has been read, the value in the ACCD_X_MSB register is locked until the
ACCD_X_MSB has been read. This condition is inherently fulfilled if a burst-mode read access
is performed. Acceleration data may be read from register ACCD_X_LSB at any time except
during power-up and in DEEP_SUSPEND mode.
Name
0x02
ACCD_X_LSB
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
acc_x_lsb<3:0>
Bit
3
2
1
0
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
undefined
undefined
undefined
new_data_x
acc_x_lsb<3:0>: Least significant 4 bits of acceleration read-back value; (two’s-complement
format)
undefined:
random data; to be ignored.
new_data_x:
‚0’: acceleration value has not been updated since it has been read out last
‚1’: acceleration value has been updated since it has been read out last



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com