Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 88 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 88 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 84Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 85Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 86Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 87Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 88Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 89Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 90Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 91Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 92Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 119 page
background image
BMA255
Data sheet
Page 88
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x36 (OFC_CTRL)
Contains control signals and configuration settings for the fast and the slow offset
compensation.
Name
0x36
OFC_CTRL
Bit
7
6
5
4
Read/Write
W
W
W
R
Reset
Value
0
0
0
0
Content
offset_reset
cal_trigger<1:0>
cal_rdy
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
hp_z_en
hp_y_en
hp_x_en
offset_reset:
´1´  set all offset compensation registers (0x38 to 0x3A) to zero, or ‘0’ 
keep their values
offset_trigger<1:0>: trigger fast compensation for ´01b´  x-axis, ´10b´  y-axis, or ´11b´ 
z-axis; ´00b´  do not trigger offset compensation; offset compensation
must not be triggered when cal_rdy is ‘0’
cal_rdy:
indicates the state of the fast compensation: ´0´  offset compensation is in
progress, or ´1´  offset compensation is ready to be retriggered
reserved:
write ‘0’
hp_z_en:
‘1´  enable, or ‘0’  disable slow offset compensation for the z-axis
hp_y_en:
‘1´  enable, or ‘0’  disable slow offset compensation for the y-axis
hp_x_en:
‘1´  enable, or ‘0’  disable slow offset compensation for the x-axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com