Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 65 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 65 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 61Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 62Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 63Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 64Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 65Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 66Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 67Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 68Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 69Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 119 page
background image
BMA255
Data sheet
Page 65
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x13 (ACCD_HBW)
Acceleration data acquisition and data output format.
Name
0x13
ACCD_HBW
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
(1
in
8-bit
mode)
0
0
Content
data_high_bw
shadow_dis
reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
data_high_bw:
select whether ‘1´ unfiltered, or ‘0’ filtered data may be read from the
acceleration data registers.
shadow_dis:
‘1´ disable, or ‘0’ the shadowing mechanism for the acceleration data
output registers. When shadowing is enabled, the content of the acceleration
data component in the MSB register is locked, when the component in the
LSB is read, thereby ensuring the integrity of the acceleration data during
read-out. The lock is removed when the MSB is read.
reserved:
write ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com