Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 81 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 81 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 77Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 78Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 79Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 80Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 81Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 82Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 83Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 84Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 85Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 119 page
background image
BMA255
Data sheet
Page 81
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x2C (INT_A)
Contains the definition of hysteresis, blocking, and mode for the orientation interrupt
Name
0x2C
INT_A
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
1
Content
reserved
orient_hyst<2:0>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
0
0
0
Content
orient_blocking<1:0>
orient_mode<1:0>
reserved:
write ‘0’
orient_hyst<2:0>: sets the hysteresis of the orientation interrupt; 1 LSB corresponds to 62.5 mg
irrespective of the selected g-range
orient_blocking<1:0>:
selects the blocking mode that is used for the generation of the
orientation interrupt. The following blocking modes are available:
´00b´  no blocking,
´01b´  theta blocking or acceleration in any axis > 1.5g,
´10b´  ,theta blocking or acceleration slope in any axis > 0.2 g or
acceleration in any axis > 1.5g
´11b´  theta blocking or acceleration slope in any axis > 0.4 g or
acceleration in any axis > 1.5g and value of orient is not stable for
at least 100ms
orient_mode<1:0>:
sets the thresholds for switching between the different orientations. The
settings: ´00b´  symmetrical, ´01b´  high-asymmetrical, ´10b´  low-
asymmetrical, ´11b´ symmetrical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com