Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 82 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 82 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 78Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 79Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 80Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 81Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 82Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 83Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 84Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 85Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 86Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 119 page
background image
BMA255
Data sheet
Page 82
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x2D (INT_B)
Contains the definition of the axis orientation, up/down masking, and the theta blocking angle
for the orientation interrupt.
Name
0x2D
INT_B
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
n/a
1
0
0
Content
reserved
orient_ud_en
orient_theta<5:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
0
0
0
Content
orient_theta<3:0>
orient_ud_en:
change of up/down-bit ´1´  generates an orientation interrupt, ´0´  is
ignored and will not generate an orientation interrupt
orient_theta<5:0>: defines a blocking angle between 0° and 44.8°
Register 0x2E (INT_C)
Contains the definition of the flat threshold angle for the flat interrupt.
Name
0x2E
INT_C
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
n/a
n/a
0
0
Content
reserved
flat_theta<5:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
0
0
0
Content
flat_theta<3:0>
reserved:
write ‘0’
flat_theta<5:0>:
defines threshold for detection of flat position in range from 0° to 44.8°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com