Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 48 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 48 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 44Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 48Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 49Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 50Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 51Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 52Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 119 page
background image
BMA255
Data sheet
Page 48
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
6. Register description
6.1 General remarks
The entire communication with the device is performed by reading from and writing to registers.
Registers have a width of 8 bits; they are mapped to a common space of 64 addresses from
(0x00) up to (0x3F). Within the used range there are several registers which are either
completely or partially marked as ‘reserved’. Any reserved bit is ignored when it is written and
no specific value is guaranteed when read. It is recommended not to use registers at all which
are completely marked as ‘reserved’. Furthermore it is recommended to mask out (logical and
with zero) reserved bits of registers which are partially marked as reserved.
Registers with addresses from (0x00) up to (0x0E) are read-only. Any attempt to write to these
registers is ignored. There are bits within some registers that trigger internal sequences. These
bits are configured for write-only access, e. g. (0x21) reset_int or the entire (0x14) softreset
register, and read as value ´0´.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com