Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 91 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 91 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 87Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 88Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 89Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 90Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 91Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 92Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 93Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 94Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 95Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 119 page
background image
BMA255
Data sheet
Page 91
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x39 (OFC_OFFSET_Y)
Contains the offset compensation value for y-axis acceleration readout data.
Name
0x39
OFC_OFFSET_Y
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
offset_y<7:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
offset_y<3:0>
offset_ y<7:0>:
offset value, which is subtracted from the internal filtered and unfiltered y-
axis acceleration data; the offset value is represented with two’s complement
notation, with a mapping of +127  +0.992g, 0  0 g, and -128  -1 g; the
scaling is independent of the selected g-range; the content of the
offset_y<7:0> may be written to the NVM; it is automatically restored from
the NVM after each power-on or softreset; offset_y<7:0> may be written
directly by the user; it is generated automatically after triggering the fast
offset compensation procedure for the y-axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com