Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 95 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 95 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 91Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 92Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 93Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 94Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 95Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 96Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 97Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 98Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 99Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
BMA255
Data sheet
Page 95
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x3F (FIFO_DATA)
FIFO data readout register. The format of the LSB and MSB components corresponds to that of
the acceleration data readout registers. The new data flag is preserved. Read burst access may
be used since the address counter will not increment when the read burst is started at the
address of FIFO_DATA. The entire frame is discarded when a fame is only partially read out.
Name
0x3F
FIFO_DATA
Bit
7
6
5
4
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
fifo_data_output_register<7:4>
Bit
3
2
1
0
Read/Write
R
R
R
R
Reset
Value
n/a
n/a
n/a
n/a
Content
fifo_data_output_register<3:0>
fifo_data_output_register<7:0>:
FIFO data readout; data format depends on the setting of
register fifo_data_select<1:0>:
if X+Y+Z data are selected, the data of frame n is reading out in the order of
X-lsb(n), X-msb(n), Y-lsb(n), Y-msb(n), Z-lsb(n), Z-msb(n);
if X-only is selected, the data of frame n and n+1 are reading out in the order
of X-lsb(n), X-msb(n), X-lsb(n+1), X-msb(n+1); the Y-only and Z-only modes
behave analogously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com