Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 85 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 85 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 81Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 82Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 83Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 84Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 85Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 86Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 87Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 88Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 89Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 119 page
background image
BMA255
Data sheet
Page 85
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x32 (PMU_SELF_TEST)
Contains the settings for the sensor self-test configuration and trigger.
Name
0x32
PMU_SELF_TEST
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
self_test_sign
self_test-axis<1:0>
reserved:
write ‘0x0’
self_test_sign:
select sign of self-test excitation as ´1´  positive, or ´0´  negative
self_test_axis:
select axis to be self-tested: ´00b´  self-test disabled, ´01b´  x-axis, ´10b´
y-axis, or ´11b´  z-axis; when a self-test is performed, only the
acceleration data readout value of the selected axis is valid; after the self-
test has been enabled a delay of a least 50 ms is necessary for the read-out
value to settle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com