Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 63 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 63 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 59Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 60Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 61Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 62Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 63Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 64Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 65Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 66Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 67Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 119 page
background image
BMA255
Data sheet
Page 63
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x11 (PMU_LPW)
Selection of the main power modes and the low power sleep period.
Name
0x11
PMU_LPW
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
suspend
lowpower_en
deep_suspend
sleep_dur<3>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
sleep_dur<2:0>
reserved
suspend, low_power_en, deep_suspend:
Main power mode configuration setting {suspend; lowpower_en;
deep_suspend}:
{0; 0; 0} 
NORMAL mode;
{0; 0; 1} 
DEEP_SUSPEND mode;
{0; 1; 0} 
LOW_POWER mode;
{1; 0; 0} 
SUSPEND mode;
{all other} 
illegal
Please note that only certain power mode transitions are permitted.
sleep_dur<3:0>:
Configures the sleep phase duration in LOW_POWER mode:
´0000b´ to ´0101b´
0.5 ms,
´0110b´  1 ms,
´0111b´
2 ms,
´1000b´  4 ms,
´1001b´
6 ms,
´1010b´  10 ms,
´1011b´
25 ms,
´1100b´  50 ms,
´1101b´
100 ms,
´1110b´  500 ms,
´1111b´
1 s
Please note, that all application specific settings which are not equal to the default settings
(refer to 6.2 register map), must be re-set to its designated values after DEEP_SUSPEND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com