Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 28 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 28 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 32Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 119 page
background image
BMA255
Data sheet
Page 28
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.7.3 Electrical behaviour (INT pin# to open-drive or push-pull)
Both interrupt pins can be configured to show the desired electrical behaviour. The ´active´ level
of each interrupt pin is determined by the (0x20) int1_lvl and (0x20) int2_lvl bits.
If (0x20) int1_lvl = ´1´ (´0´) / (0x20) int2_lvl = ´1´ (´0´), then pin “INT1” / pin “INT2” is active ´1´
(´0´). The characteristic of the output driver of the interrupt pins may be configured with bits
(0x20) int1_od and (0x20) int2_od. By setting bits (0x20) int1_od / (0x20) int2_od to ´1´, the
output driver shows open-drive characteristic, by setting the configuration bits to ´0´, the output
driver shows push-pull characteristic. When open-drive characteristic is selected in the design,
external pull-up or pull-down resistor should be applied according the int_lvl configuration.
4.7.4 New data interrupt
This interrupt serves for synchronous reading of acceleration data. It is generated after storing a
new value of z-axis acceleration data in the data register. The interrupt is cleared automatically
when the next data acquisition cycle starts. The interrupt status is ´0´ for at least 50µs.
The interrupt mode of the new data interrupt is fixed to non-latched.
It is enabled (disabled) by writing ´1´ (´0´) to bit (0x17) data_en. The interrupt status is stored in
bit (0x0A) data_int.
Due to the settling time of the filter, the first interrupt after wake-up from suspend or standby
mode will take longer than the update time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com