Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 37 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 37 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 38Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 39Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 41Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 119 page
background image
BMA255
Data sheet
Page 37
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.7.7.1 Orientation blocking
The change of the (0x0C) orient value and – as a consequence – the generation of the interrupt
can be blocked according to conditions selected by setting the value of the (0x2C)
orient_blocking bits as described by Table 17.
Table 17: Blocking conditions for orientation recognition
(0x2C)
orient_blocking
Conditions
00b
no blocking
01b
theta blocking
or
acceleration in any axis > 1.5g
10b
theta blocking
or
acceleration slope in any axis > 0.2 g
or
acceleration in any axis > 1.5g
11b
theta blocking
or
acceleration slope in any axis > 0.4 g
or
acceleration in any axis > 1.5g and value of orient is
not stable for at least 100 ms
The theta blocking is defined by the following inequality:
.
8
_
tan
theta
blocking
The parameter blocking_theta of the above given equation stands for the contents of the (0x2D)
orient_theta bits. It is possible to define a blocking angle between 0° and 44.8°. The internal
blocking algorithm saturates the acceleration values before further processing. As a
consequence, the blocking angles are strictly valid only for a device at rest; they can be
different if the device is moved.
Example:
To get a maximum blocking angle of 19° the parameter blocking_theta is determined in the
following way: (8 * tan(19°) )² = 7.588, therefore, blocking_value = 8dec = 001000b has to be
chosen.
In order to avoid unwanted generation of the orientation interrupt in a nearly flat position (z ~ 0,
sign change due to small movements or noise), a hysteresis of 0.2 g is implemented for the z-
axis, i. e. a after a sign change the interrupt is only generated after |z| > 0.2 g.
4.7.7.2 Up-Down Interrupt Suppression Flag
Per default an orientation interrupt is triggered when any of the bits in register (0x0C) orient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com