Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 100 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 100 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 96Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 97Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 98Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 99Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 100Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 101Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 102Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 103Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 104Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 119 page
background image
BMA255
Data sheet
Page 100
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
The data bits are used as follows:
Bit0: Read/Write bit. When 0, the data SDI is written into the chip. When 1, the data SDO from
the chip is read.
Bit1-7: Address AD(6:0).
Bit8-15: when in write mode, these are the data SDI, which will be written into the address.
When in read mode, these are the data SDO, which are read from the address.
Multiple read operations are possible by keeping CSB low and continuing the data transfer.
Only the first register address has to be written. Addresses are automatically incremented after
each read access as long as CSB stays active low.
The principle of multiple read is shown in figure 16:
Start
RW
Stop
1
0
0
0
0
0
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register adress (02h)
CSB
=
0
CSB
=
1
Data byte
Data byte
Data register - adress 03h
Data register - adress 04h
Control byte
Data byte
Data register - adress 02h
Figure 16: SPI multiple read
In SPI 3-wire configuration CSB (chip select low active), SCK (serial clock), and SDI (serial
data input and output) pins are used. The communication starts when the CSB is pulled low by
the SPI master and stops when CSB is pulled high. SCK is also controlled by SPI master. SDI
is driven (when used as input of the device) at the falling edge of SCK and should be captured
(when used as the output of the device) at the rising edge of SCK.
The protocol as such is the same in 3-wire configuration as it is in 4-wire configuration. The
basic operation waveform (read or write access) for 3-wire configuration is depicted in figure 17:
CSB
SCK
SDI
RW
AD6
AD5
AD4
AD3
AD2
AD1
AD0
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
Figure 17: 3-wire basic SPI read or write sequence (mode ´11´)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com