Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMA255 Datasheet HTML 1Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 2Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 3Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 4Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
BMA255
Data sheet
Page 2
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
BMA255
12 BIT, DIGITAL, TRIAXIAL ACCELERATION SENSOR WITH INTELLIGENT
ON
-CHIP MOTION-TRIGGERED INTERRUPT CONTROLLER
Key features
 Ultra-Small package
LGA package (12 pins), footprint 2mm x 2mm,
height 0.95mm
 Digital interface
SPI (4-wire, 3-wire), I²C, 2 interrupt pins
VDDIO voltage range: 1.2V to 3.6V
 Programmable functionality
Acceleration ranges ±2g/±4g/±8g/±16g
Low-pass filter bandwidths 1kHz - <8Hz
 On-chip FIFO
Integrated FIFO with a depth of 32 frames
 On-chip interrupt controller
Motion-triggered interrupt-signal generation for
- new data
- any-motion (slope) detection
- tap sensing (single tap / double tap)
- orientation recognition
- flat detection
- low-g/high-g detection
- motion inactivity detection
 Ultra-low power
Low current consumption, short wake-up time,
advanced features for system power management
 Temperature sensor
 RoHS compliant, halogen-free
Typical applications
 Display profile switching
 Menu scrolling, tap / double tap sensing
 Gaming
 Pedometer / step counting
 Free-fall detection
 E-compass tilt compensation
 Drop detection for warranty logging
 Advanced system power management for mobile applications
General description
The BMA255 is a triaxial, low-g acceleration sensor with digital output for consumer
applications. It allows measurements of acceleration in three perpendicular axes. An evaluation
circuitry (ASIC) converts the output of a micromechanical acceleration-sensing structure
(MEMS) that works according to the differential capacitance principle.
Package and interfaces of the BMA255 have been defined to match a multitude of hardware
requirements. Since the sensor features an ultra-small footprint and a flat package it is
ingeniously suited for mobile applications.
The BMA255 offers a variable VDDIO voltage range from 1.2V to 3.6V and can be programmed
to optimize functionality, performance and power consumption in customer specific applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com