Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 96 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 96 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 92Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 93Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 94Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 95Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 96Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 97Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 98Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 99Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 100Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 119 page
background image
BMA255
Data sheet
Page 96
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
7. Digital interfaces
The BMA255 supports two serial digital interface protocols for communication as a slave with a
host device (when operating in general mode): SPI and I²C. The active interface is selected by
the state of the Pin#11 (PS) ‘protocol select’ pin: ´0´ (´1´) selects SPI (I²C). For details please
refer to section 8).
By default, SPI operates in the standard 4-wire configuration. It can be re-configured by
software to work in 3-wire mode instead of standard 4-wire mode.
Both interfaces share the same pins. The mapping for each interface is given in the following
table:
Table 20: Mapping of the interface pins
Pin#
Name
use w/
SPI
use w/
I²C
Description
1
SDO
SDO
address
SPI: Data Output (4-wire mode)
I²C: Used to set LSB of I²C address
2
SDx
SDI
SDA
SPI: Data Input (4-wire mode) Data Input / Output (3-wire
mode)
I²C: Serial Data
10
CSB
CSB
unused
Chip Select (enable)
12
SCx
SCK
SCL
SPI: Serial Clock
I²C: Serial Clock
The following table shows the electrical specifications of the interface pins:
Table 21: Electrical specification of the interface pins
Parameter
Symbol
Condition
Min
Typ
Max
Units
Pull-up Resistance,
CSB pin
Rup
Internal Pull-up
Resistance to
VDDIO
75
100
125
k
Input Capacitance
Cin
5
10
pF
I²C Bus Load
Capacitance (max.
drive capability)
CI2C_Load
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com