Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 98 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 98 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 94Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 95Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 96Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 97Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 98Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 99Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 100Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 101Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 102Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 119 page
background image
BMA255
Data sheet
Page 98
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
The following figure shows the definition of the SPI timings given in the following figure:
tSDI_hold
tSCKH
tCSB_hold
tCSB_setup
tSDI_setup
tSCKL
tSDO_OD
CSB
SCK
SDI
SDO
Figure 13: SPI timing diagram
The SPI interface of the BMA255 is compatible with two modes, ´00´ and ´11´. The automatic
selection between [CPOL = ´0´ and CPHA = ´0´] and [CPOL = ´1´ and CPHA = ´1´] is controlled
based on the value of SCK after a falling edge of CSB.
Two configurations of the SPI interface are supported by the BMA255: 4-wire and 3-wire. The
same protocol is used by both configurations. The device operates in 4-wire configuration by
default. It can be switched to 3-wire configuration by writing ´1´ to (0x34) spi3. Pin SDI is used
as the common data pin in 3-wire configuration.
For single byte read as well as write operations, 16-bit protocols are used. The BMA255 also
supports multiple-byte read operations.
In SPI 4-wire configuration CSB (chip select low active), SCK (serial clock), SDI (serial data
input), and SDO (serial data output) pins are used. The communication starts when the CSB is
pulled low by the SPI master and stops when CSB is pulled high. SCK is also controlled by SPI
master. SDI and SDO are driven at the falling edge of SCK and should be captured at the rising
edge of SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com