Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 87 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 87 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 83Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 84Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 85Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 86Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 87Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 88Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 89Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 90Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 91Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 119 page
background image
BMA255
Data sheet
Page 87
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x34 (BGW_SPI3_WDT)
Contains settings for the digital interfaces.
Name
0x34
BGW_SPI3_WDT
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
i2c_wdt_en
i2c_wdt_sel
spi3
reserved:
write ‘0’
i2c_wdt_en:
if I²C interface mode is selected then ‘1´  enable, or ‘0’  disables the
watchdog at the SDI pin (= SDA for I²C)
i2c_wdt_sel:
select an I²C watchdog timer period of ‘0’  1 ms, or ‘1’  50 ms
spi3:
select ´0´  4-wire SPI, or ´1´  3-wire SPI mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com