Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 31 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 31 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 35Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 119 page
background image
BMA255
Data sheet
Page 31
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.7.6 Tap sensing
Tap sensing has a functional similarity with a common laptop touch-pad or clicking keys of a
computer mouse. A tap event is detected if a pre-defined slope of the acceleration of at least
one axis is exceeded. Two different tap events are distinguished: A ‘single tap’ is a single event
within a certain time, followed by a certain quiet time. A ‘double tap’ consists of a first such
event followed by a second event within a defined time frame.
Single tap interrupt is enabled (disabled) by writing ´1´ (´0´) to bit (0x16) s_tap_en. Double tap
interrupt is enabled (disabled) by writing ´1´ (´0´) to bit (0x16) d_tap_en.
While temporary latching is used do not simultaneously enable single tap interrupt and double
tap interrupt.
The status of the single tap interrupt is stored in bit (0x09) s_tap_int, the status of the double
tap interrupt is stored in bit (0x09) d_tap_int.
The slope threshold for detecting a tap event is set by bits (0x2B) tap_th. The meaning of
(0x2B) tap_th depends on the range setting. 1 LSB of (0x2B) tap_th corresponds to a slope of
62.5mg in 2g-range, 125mg in 4g-range, 250mg in 8g-range, and 500mg in 16g-range.
In figure 8 the meaning of the different timing parameters is visualized:
tap_shock
tap_quiet
tap_dur
tap_shock
tap_quiet
time
12.5 ms
single tap detection
double tap detection
slope
time
12.5 ms
time
1st tap
2nd tap
tap_th
Figure 8: Timing of tap detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com