Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 105 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 105 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 101Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 102Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 103Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 104Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 105Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 106Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 107Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 108Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 109Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 119 page
background image
BMA255
Data sheet
Page 105
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
8. Pin-out and connection diagram
8.1 Pin-out
Figure 22: Pin-out top view
Figure 23: Pin-out bottom view
Table 24: Pin description
Pin# Name
I/O Type
Description
Connect to
in SPI 4W
In SPI 3W
in I²C
1
SDO
Digital out
Serial data output in SPI
Address select in I²C mode
see chapter 7.2
SDO
DNC (float)
GND for default
addr.
2
SDx
Digital I/O
SDA serial data I/O in I²C
SDI serial data input in SPI
4W
SDA serial data I/O in SPI
3W
SDI
SDA
SDA
3
VDDIO
Supply
Digital I/O supply voltage
(1.2V … 3.6V)
VDDIO
VDDIO
VDDIO
4
NC
--
GND
GND
GND
5
INT1
Digital out
Interrupt output 1 *
INT1
INT1
INT1
6
INT2
Digital out
Interrupt output 2 *
INT2
INT2
INT2
7
VDD
Supply
Power supply for analog &
digital domain (1.62V …
3.6V)
VDD
VDD
VDD
8
GNDIO
Ground
Ground for I/O
GND
GND
GND
9
GND
Ground
Ground for digital & analog
GND
GND
GND
10
CSB
Digital in
Chip select for SPI mode
CSB
CSB
DNC (float)
11
PS
Digital in
Protocol select (GND = SPI,
VDDIO = I²C)
GND
GND
VDDIO
12
SCx
Digital in
SCK for SPI serial clock
SCL for I²C serial clock
SCK
SCK
SCL
* If INT1 and/or INT2 are not used, please do not connect them (DNC).
Bottom View
Pads visible!
Top View
Pads not visible!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com