Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5753 Datasheet HTML 28Page - Analog Devices AD5753 Datasheet HTML 29Page - Analog Devices AD5753 Datasheet HTML 30Page - Analog Devices AD5753 Datasheet HTML 31Page - Analog Devices AD5753 Datasheet HTML 32Page - Analog Devices AD5753 Datasheet HTML 33Page - Analog Devices AD5753 Datasheet HTML 34Page - Analog Devices AD5753 Datasheet HTML 35Page - Analog Devices AD5753 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 32 of 72
Transfer Function
Table 8 shows the input code to ideal output voltage relationship for
the AD5753 for straight binary data coding of the ±5 V output
range.
Table 8. Ideal Output Voltage to Input Code Relationship
Digital Input, Straight Binary
Data Coding
Analog Output
MSB
LSB
VOUT
1111
1111
1111
1111
2 × VREF × (32,767/32,768)
1111
1111
1111
1110
2 × VREF × (32,766/32,768)
1000
0000
0000
0000
0 V
0000
0000
0000
0001
−2 × VREF × (32,767/32,768)
0000
0000
0000
0000
−2 × VREF
POWER-ON STATE OF THE AD5753
On initial power-on or a device reset, the voltage and current
output channel is disabled. The switch connecting the VIOUT via a
30 kΩ pull-down resistor to AGND is open. This switch can be
configured in the DCDC_CONFIG2 register. VDPC+ and VDPC−
are internally driven to ±4.8 V upon power-on, until the dc-to-
dc converters are enabled.
After device power-on or a device reset, a calibration memory
refresh command is required (see the Programming Sequence
to Enable the Output section). It is recommended to wait 500 μs
at minimum after writing this command before writing further
instructions to the device to allow time for internal calibrations
to take place.
Power-On Reset
3.3V
VLDO
POWER-ON
RESET
SOFTWARE
RESET
HARDWARE
RESET
INT_AVCC
RESET
SDI
SCLK
VLDO
AVDD2
SYNC
Figure 76. Power-On Reset Block Diagram
The AD5753 incorporates a power-on reset circuit that ensures the
AD5753 is held in reset if the power supplies are insufficient
enough to allow reliable operation. The power-on reset circuit
(see Figure 76) monitors the AVDD2 generated VLDO, the INT_
AVCC voltages, the RESET pin, and the SPI reset signal. The
power-on reset circuit keeps the AD5753 in reset until the voltages
on the VLDO and an internal AVCC voltage node (INT_AVCC) are
sufficient for reliable operation. The AD5753 is reset if the
power-on circuit receives a signal from the RESET pin or if a
software reset is written to the AD5753 via the SPI interface. Do
not write SPI commands to the device within 100 μs of a reset
event.
POWER SUPPLY CONSIDERATIONS
The AD5753 has the following four supply rails: AVDD1, AVDD2,
AVSS, and VLOGIC. See Table 1 for the voltage range of the four
supply rails and the associated conditions.
AVDD1 Considerations
AVDD1 is the supply rail for the positive dc-to-dc converter and can
range from 7 V to 33 V. Although the maximum value of AVDD1 is
33 V and the minimum value of AVSS is −33 V, the maximum
operating range of |AVDD1 to AVSS| is 60 V. VDPC+ is derived from
AVDD1 and the value depends on the dc-to-dc converter mode of
operation
The dc-to-dc converter requires a sufficient level of margin to be
maintained between AVDD1 and VDPC+ to ensure the dc-to-dc
circuitry operates correctly. This margin is 5% of the maximum
VDPC+ voltage for a given mode of operation.
Table 9. AVDD1 to VDPC+ Margin
Mode of Operation
VDPC+ Maximum
DPC Voltage Mode
15 V
DPC Current Mode
(IOUT maximum × RLOAD) + IOUT headroom
PPC Current Mode
DCDC_CONFIG1[4:0] programmed value
See the Power Dissipation Control section for further details on
the dc-to-dc converter modes of operation.
Calculating Supply Voltage
Assuming DPC current mode, use the following equation to
calculate the supply voltage:
VDPC+ maximum = IOUT maximum voltage + IOUT headroom
= 22.5 V
where:
IOUT maximum = 20 mA; RLOAD = 1 kΩ
IOUT maximum voltage = IOUT maximum × RLOAD = 20 V
IOUT headroom = 2.5 V
|VDPC+ to AVDD1| headroom is calculated as 5% of 22.5 V =
1.125 V. Therefore, AVDD1 (minimum) = 22.5 V + 1.125 V =
23.625 V. Assuming a worst case AVDD1 supply rail tolerance of
±10%, this example requires an AVDD1 supply rail of
approximately 26 V.
AVSS Considerations
AVSS is the negative supply rail and has a range of −33 V to 0 V. As
in the case of AVDD1, AVSS must obey the 60 V maximum operating
range of |AVDD1 to AVSS|. VDPC− is derived from AVSS and the value
depends on the dc-to-dc converter mode of operation. The dc-
to-dc converter requires a sufficient level of margin between
AVSS and VDPC− to ensure the dc-to-dc circuitry operates
correctly. This margin is 5% of the maximum |VDPC−| voltage for
a given mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com