Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5753 Datasheet HTML 10Page - Analog Devices AD5753 Datasheet HTML 11Page - Analog Devices AD5753 Datasheet HTML 12Page - Analog Devices AD5753 Datasheet HTML 13Page - Analog Devices AD5753 Datasheet HTML 14Page - Analog Devices AD5753 Datasheet HTML 15Page - Analog Devices AD5753 Datasheet HTML 16Page - Analog Devices AD5753 Datasheet HTML 17Page - Analog Devices AD5753 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 14 of 72
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
±200 mA do not cause silicon controlled rectifier (SCR) latch-up.
Table 4.
Parameter
Rating
AVDD1 to AGND, DGND
−0.3 V to +44 V
AVSS to AGND, DGND
+0.3 V to −35 V
AVDD1 to AVSS
−0.3 V to +66 V
AVDD2, VDPC+ to AGND, DGND
−0.3 V to +35 V
AVDD2, VDPC+ to VDPC−
−0.3 V to +55 V
VDPC− to AGND, DGND
+0.3 V to AVSS −0.3 V or −35 V
(whichever voltage is less)
VLOGIC to DGND
−0.3 V to +6 V
Digital Inputs to DGND (SCLK,
SDI, SYNC, AD0, AD1, RESET,
LDAC)
−0.3 V to VLOGIC + 0.3 V or +6 V
(whichever voltage is less)
Digital Outputs to DGND (FAULT,
SDO, CLKOUT)
−0.3 V to VLOGIC + 0.3 V or +6 V
(whichever voltage is less)
GPIO_0, GPIO_1, and GPIO_2 to
AGND
−0.3 V to VLOGIC + 0.3 V or +6 V
(whichever voltage is less)
REFIN, REFOUT, VLDO, CHART to
AGND
−0.3 V to AVDD2 + 0.3 V or +6 V
(whichever voltage is less)
RA to AGND
−0.3 V to +4.5 V
RB to AGND
−0.3 V to +4.5 V
VIOUT to AGND
±38 V
+VSENSE to AGND
±38 V
−VSENSE to AGND
±38 V
CCOMP to AGND
AVSS − 0.3 V to VDPC+ + 0.3 V
SW+ to AGND
−0.3 V to AVDD1 + 0.3 V or +33 V
(whichever voltage is less)
SW− to AGND
+0.3 V to AVSS − 0.3 V or −33 V
(whichever voltage is less)
AGND, DGND to REFGND
−0.3 V to +0.3 V
AGND, DGND to PGND1, PGND2
−0.3 V to +0.3 V
Industrial Operating
Temperature Range (TA)1
−40°C to +115°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
(TJ Maximum)
125°C
Power Dissipation
(TJ maximum − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
Electrostatic Discharge (ESD)
Human Body Model2
±4 kV
Field Induced Charged
Device Model3
±750 V
1
Power dissipated on the chip must be derated to keep the junction
temperature below 125°C.
2
As per ANSI/ESDA/JEDEC JS-001, all pins.
3
As per ANSI/ESDA/JEDEC JS-002, all pins.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJA is the junction to ambient thermal resistance and ΨJT is the
junction to top of package thermal resistance.
Table 5. Thermal Resistance
Package Type
θJA
ΨJT
Unit
CP-40-151
38
0.5
°C/W
1
Test Condition 1: Thermal impedance simulated values are based on a
JEDEC 2S2P thermal test board with thermal vias. See JEDEC and JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com