Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 41 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5753 Datasheet HTML 37Page - Analog Devices AD5753 Datasheet HTML 38Page - Analog Devices AD5753 Datasheet HTML 39Page - Analog Devices AD5753 Datasheet HTML 40Page - Analog Devices AD5753 Datasheet HTML 41Page - Analog Devices AD5753 Datasheet HTML 42Page - Analog Devices AD5753 Datasheet HTML 43Page - Analog Devices AD5753 Datasheet HTML 44Page - Analog Devices AD5753 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Data Sheet
AD5753
Rev. 0 | Page 41 of 72
The DAC_OUTPUT register, and ultimately the DAC output,
updates in any of the following cases:
•
If a write is performed to the DAC_INPUT register with
the hardware LDAC pin tied low, the DAC_OUTPUT
register is updated on the rising edge of SYNC and is
subject to the timing specifications shown in Table 2.
•
If the hardware LDAC pin is tied high and the DAC_INPUT
register is written to, the DAC_OUTPUT register does not
update until a software LDAC instruction is issued or the
hardware LDAC pin is pulsed low.
•
If a WDT timeout occurs with the CLEAR_ON_WDT_
FAIL bit set, the CLEAR_CODE register contents are
loaded into the DAC_OUTPUT register.
•
If the slew rate control feature is enabled, the DAC_
OUTPUT register contains the dynamic value of the DAC
as the register slews between values.
While a WDT fault is active, all writes to the DAC_
INPUT register, as well as hardware or software LDAC events,
are ignored. If the CLEAR_ON_WDT_FAIL bit is set such that
the output is set to the clear code, after the WDT fault flag clears,
the DAC_INPUT register must be written to before the DAC_
OUTPUT register updates. The DAC_INPUT register must be
written to because performing a software or hardware LDAC
only reloads the DAC with the clear code. As described in this
section, after configuring the DAC range via the DAC_CONFIG
register, the DAC_INPUT register must be written to, even if the
contents of the DAC_INPUT register are not changing from the
current value.
The GP_CONFIG2 register contains a bit to enable a global
software LDAC mode, which ignores the device under test
(DUT) address bits of the SW_LDAC command, thus enabling
multiple AD5753 devices to be simultaneously updated by using
a single SW_LDAC command. This feature is useful if the
hardware LDAC pin is not being used in a system containing
multiple AD5753 devices.
DAC Data Integrity Diagnostics
To protect against transient changes to the internal digital
circuitry, the digital block stores both the digital DAC value and
an inverted copy of the digital DAC value. A check is completed
to ensure that the two values correspond to each other before the
DAC is strobed to update to the DAC code. This matching feature
is enabled by default via the INVERSE_DAC_
CHECK_EN bit in the DIGITAL_DIAG_CONFIG register.
Outside of the digital block, the DAC code is stored in latches,
as shown in Figure 84. These latches are potentially vulnerable
to the same transient events that affect the digital block. To
protect the DAC latches against such transients, enable the DAC
latch monitor feature via the DAC_LATCH_MON_EN bit
within the DIGITAL_DIAG_CONFIG register. This latch monitor
feature monitors the actual digital code driving the DAC and
compares the code with the digital code generated within the
digital block. Any difference between the two codes sets the
DAC_LATCH_MON_ERR flag in the DIGITAL_
DIAG_RESULTS register.
16-BIT
DAC
DIGITAL
BLOCK
D
Q
Q
D
Q
Q
DAC LATCHES
Figure 84. DAC Data Integrity
GPIO PINS
The AD5753 provides the following three GPIO pins: GPIO_0,
GPIO_1, and GPIO_2. Using the GP_CONFIG register, each of
these pins can be configured as a digital output, a digital input,
or as a 100 kΩ to DGND (default). When configured as a digital
input or output, the GPIO_DATA register is used to read or
write from or to the relevant pins.
USE OF KEY CODES
Key codes are used via the key register for the following
functions (see the Key Register section for full details):
•
Initiating calibration memory refresh.
•
Initiating a software reset.
•
Initiating a single ADC conversion.
•
WDT reset key.
Using specific keys to initiate actions such as a calibration
memory refresh or a device reset provides extra system
robustness because the keys reduce the probability of either task
being initiated in error.
SOFTWARE RESET
A software reset requires two consecutive writes of 0x15FA and
0xAF51 respectively to the key register. A device reset can be
initiated via the hardware RESET pin, the software reset keys, or
automatically after a WDT timeout (if configured to do so). The
RESET_OCCURRED bit in the DIGITAL_DIAG_RESULTS
register is set when the device is reset. This RESET_OCCURRED
bit defaults to 1 on power-up. Both of the diagnostic results
registers implement a write 1 to clear the function that is, a 1
must be written to this bit to clear it (see the Sticky Diagnostic
Results Bits section).
CALIBRATION MEMORY CRC
For every calibration memory refresh cycle, which is either
initiated via a key code write to the key register or automatically
initiated when the Range[3:0] bits of the DAC_CONFIG register, is
changed, an automatic CRC is calculated on the contents of the
calibration memory shadow registers. The result of this CRC is
compared with the factory stored reference CRC value. If the
CRC values match, the read of the entire calibration memory is
considered valid. If the values do not match, the CAL_MEM_
CRC_ERR bit in the DIGITAL_DIAG_RESULTS register is set
to 1. This calibration memory CRC feature is enabled by default
and can be disabled via the CAL_MEM_CRC_EN bit in the
DIGITAL_DIAG_CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com