Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5753 Datasheet HTML 11Page - Analog Devices AD5753 Datasheet HTML 12Page - Analog Devices AD5753 Datasheet HTML 13Page - Analog Devices AD5753 Datasheet HTML 14Page - Analog Devices AD5753 Datasheet HTML 15Page - Analog Devices AD5753 Datasheet HTML 16Page - Analog Devices AD5753 Datasheet HTML 17Page - Analog Devices AD5753 Datasheet HTML 18Page - Analog Devices AD5753 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Data Sheet
AD5753
Rev. 0 | Page 15 of 72
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. CONNECT THE EXPOSED PAD TO THE POTENTIAL
OF THE VDPC– PIN, OR, ALTERNATIVELY, THE
EXPOSED PAD CAN BE LEFT ELECTRICALLY
UNCONNECTED. IT IS RECOMMENDED THAT THE
PAD BE THERMALLY CONNECTED TO A COPPER
PLANE FOR ENHANCED THERMAL PERFORMANCE.
SW+
ADC1
AGND
REFGND
AVDD1
AVDD2
RA
RB
REFIN
CHART
1
2
3
4
5
6
7
8
9
10
23 SDI
24 SYNC
25 AD1
26 AD0
27 FAULT
28 NIC
29 AVSS
30 SW–
22 SCLK
21 CLKOUT
AD5753
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SW+
Switching Output for the Positive DC-to-DC Circuitry. To use the dc-to-dc feature of the device, connect the
external inductor as shown in Figure 77.
2
AVDD1
Positive Analog Supply. The voltage range on this pin is from 7 V to 33 V.
3
AVDD2
Positive Low Voltage Analog Supply. The voltage range on this pin is from 5 V to 33 V.
4
ADC1
Multiplexed ADC External Input 1.
5
AGND
Ground Reference Point for the Analog Circuitry. This pin must be connected to 0 V.
6
REFGND
Ground Reference Point for Internal Reference. This pin must be connected to 0 V.
7
RA
External Current Setting Resistor. An external precision, low drift, 13.7 kΩ current setting resistor can be connected
between RA and RB to improve the current output temperature drift performance. It is recommended to place the
external resistor as close as possible to the AD5753.
8
RB
External Current Setting Resistor. An external precision, low drift, 13.7 kΩ current setting resistor can be connected
between RA and RB to improve the current output temperature drift performance. It is recommended to place the
external resistor as close as possible to the AD5753.
9
CHART
HART Input Connection. The HART signal must be ac-coupled to this pin. If the HART signal is not being used, leave
this pin unconnected. This pin is disconnected from the HART summing node by default and is connected via the
HART_EN bit in the GP_CONFIG1 register.
10
REFIN
External 2.5 V Reference Voltage Input.
11
REFOUT
Internal 2.5 V Reference Voltage Output. REFOUT must be connected to REFIN to use the internal reference. A
capacitor between REFOUT and REFGND is not recommended.
12
VLDO
3.3 V Low Dropout (LDO) Output Voltage. VLDO must be decoupled to the AGND with a 0.1 µF capacitor.
13
VLOGIC
Digital Supply. The voltage range on this pin is from 1.71 V to 5.5 V. VLOGIC must be decoupled to DGND with a 0.1 µF
capacitor.
14
SDO
Serial Data Output. This pin clocks data from the serial register in readback mode. The maximum SCLK speed for
readback mode is 15 MHz and this speed is dependent on the VLOGIC voltage. See Table 3 for the timing specifications.
15
DGND
Digital Ground.
16
RESET
Hardware Reset. Active low input. Do not write an SPI command within 100 μs of issuing a reset either by using the
hardware RESET pin or via software.
17
GPIO_0
General-Purpose Input/Output 0.
18
GPIO_1
General-Purpose Input/Output 1.
19
GPIO_2
General-Purpose Input/Output 2.
20
LDAC
Load DAC. Active low input. This pin updates the DAC_OUTPUT register and, consequently, the DAC output. Do
not assert LDAC within the 500 ns window before the rising edge of SYNC or 1.5 µs after the rising edge of SYNC
(see Table 3 for the timing specifications).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com