Electronic Components Datasheet Search
  English  ▼

X  

AD5753 Datasheet(PDF) 52 Page - Analog Devices

Part # AD5753
Description  Single-Channel, 16-Bit Current and Voltage DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5753 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD5753 Datasheet HTML 48Page - Analog Devices AD5753 Datasheet HTML 49Page - Analog Devices AD5753 Datasheet HTML 50Page - Analog Devices AD5753 Datasheet HTML 51Page - Analog Devices AD5753 Datasheet HTML 52Page - Analog Devices AD5753 Datasheet HTML 53Page - Analog Devices AD5753 Datasheet HTML 54Page - Analog Devices AD5753 Datasheet HTML 55Page - Analog Devices AD5753 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
AD5753
Data Sheet
Rev. 0 | Page 52 of 72
PROGRAMMING SEQUENCE TO ENABLE THE
OUTPUT
To write to and set up the AD5753 from a power-on or reset
condition, take the following steps:
1.
Perform a hardware or software reset and wait 100 μs.
2.
Perform a calibration memory refresh by writing 0xFCBA to
the key register. Wait a minimum of 500 μs before proceeding
to Step 3 to allow time for the internal calibrations to
complete. As an alternative to waiting 500 μs for the refresh
cycle to complete, poll the CAL_MEM_UNREFRESHED bit
in the DIGITAL_DIAG_RESULTS register until it is 0.
3.
Write 1 to Bit D13 in the DIGITAL_DIAG_RESULTS register
to clear the RESET_OCCURRED flag.
4.
If the CLKOUT signal is required, configure and enable
CLKOUT via the GP_CONFIG1 register. It is important to
configure this feature before enabling the dc-to-dc converter.
5.
Write to the DCDC_CONFIG2 register to set the dc-to-dc
current limit and enable the negative dc-to-dc converter (if
using negative DPC). Wait 300 μs to allow the 3-wire interface
communication to complete. As an alternative to waiting
300 μs for the 3-wire interface communication to complete,
poll the BUSY_3WI bit in the DCDC_CONFIG2 register
until it is 0.
6.
Write to the DCDC_CONFIG1 register to set up the dc-to-dc
converter mode, which enables the dc-to-dc converter. Wait
300 μs to allow the 3-wire interface communication to
complete. As an alternative to waiting 300 μs for the 3-wire
interface communication to complete, poll the BUSY_3WI bit
in the DCDC_CONFIG2 register until it is 0.
7.
Write to the DAC_CONFIG register to set the INT_EN bit,
which powers up the DAC and internal amplifiers without
enabling the channel output, and configure the output range,
internal or external RSET, and slew rate. Keep the OUT_EN
bit disabled at this point. Wait for a minimum of 500 μs
before proceeding to Step 8 to allow the internal
calibrations to complete. As an alternative to waiting 500 μs
for the internal calibrations to complete, poll the CAL_
MEM_UNREFRESHED bit in the DIGITAL_DIAG_
RESULTS register until it reads 0.
8.
Write a zero-scale DAC code to the DAC_INPUT register.
If a bipolar range is selected in Step 7, then a DAC code
that represents a 0 mA/0 V output must be written to the
DAC_INPUT register. It is important that this step be
completed even if the contents of the DAC_INPUT register
are not changing.
9.
If the LDAC functionality is being used, perform either a
software or hardware LDAC command.
10. Rewrite the same word, used in Step 7, to the DAC_CONFIG
register with the OUT_EN bit enabled. Allow a minimum
of 1.25 ms to pass between Step 6 and Step 9, which is the
time from when the dc-to-dc is enabled to when the VIOUT
output is enabled.
11. Write the required DAC code to the DAC_INPUT register.
Figure 92 shows an example of a change to the programming
sequence.
Changing and Reprogramming the Range
After the output is enabled, take the following steps to change
the output range:
1.
Write to the DAC_INPUT register. Set the output to 0 mA
or 0 V.
2.
Write to the DAC_CONFIG register. Disable the output
(OUT_EN = 0) and set the new output range. Keep the
INT_EN bit set. Wait 500 μs minimum before proceeding
to Step 3 to allow time for internal calibrations to complete.
3.
Write Code 0x0000 or the case of bipolar ranges, write
Code 0x8000 to the DAC_INPUT register. It is important
that this step be completed even if the contents of the DAC_
INPUT register do not change.
4.
Reload the DAC_CONFIG register word from Step 2 and set
the OUT_EN bit to 1 to enable the output.
5.
Write the required DAC code to the DAC_INPUT register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com